Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX92241LSE-AAA-008 Arkusz danych(PDF) 1 Page - Melexis Microelectronic Systems

Numer części MLX92241LSE-AAA-008
Szczegółowy opis  2-Wire Hall Effect Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92241LSE-AAA-008 Arkusz danych(HTML) 1 Page - Melexis Microelectronic Systems

  MLX92241LSE-AAA-008 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92241LSE-AAA-008 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92241LSE-AAA-008 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92241LSE-AAA-008 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92241LSE-AAA-008 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92241LSE-AAA-008 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92241LSE-AAA-008 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92241LSE-AAA-008 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92241LSE-AAA-008 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MLX92241LSE-AAA-008
2-Wire Hall Effect Switch
390109224108 Rev. 1
Page 1 of 11
March/12
Features and Benefits
 Wide operating voltage range: from 2.7V to 24V
 Very wide range for magnetic sensitivity
 Chopper-stabilized amplifier stage
 Programmable Built-in negative temperature coefficient
 Reverse Supply Voltage Protection
 Under-Voltage Lockout Protection
 Thermal Protection
 High ESD rating / Excellent EMC performance
 Thin SOT23 3L Green Compliant package
Application Examples
 Automotive, Consumer and Industrial
 Wiper motor
 Window lifter
 Doorlock
 Seatbelt buckle
 Seat positioning
 Sunroof/Tailgate opener
 Electrical power steering
Ordering Information
Part No.
Temperature Code
Package Code
Comment
MLX92241LSE-AAA-008-RE
L (-40°C to 150°C)
SE (TSOT-3L)
RE (Reel) - CHTR
1 Functional Diagram
VDD
GND
Output
Current Sink
Control
Voltage Regulator
with Reverse Polarity
Protection
CDS
Amplifier
Switched
Hall
Plate
Trimming
Register
Under-
Voltage
Lockout
Thermal
Protection
Bop/Brp
reference
Temperature
Compensation
TEST
2 General Description
The Melexis MLX92221 is the new generation Hall-
effect switch designed in mixed signal submicron
CMOS technology.
The device integrates a voltage regulator, Hall sensor
with advanced offset cancellation system and a current
sink-configured output driver, all in a single package.
Based on a brand new platform, the magnetic core is
using an improved offset cancellation system allowing
faster and more accurate processing while being
temperature insensitive and stress independent. In
addition a temperature coefficient is implemented to
compensate the natural behaviour of certain types of
magnets becoming weaker with rise in temperature.
The included voltage regulator operates from 2.7 to
24V, hence covering a wide range of applications. With
the built-in reverse voltage protection, a serial resistor
or diode on the supply line is not required so that even
remote sensors can be specified for low voltage
operation down to 2.7V while being reverse voltage
tolerant.
In an event of a drop below the minimum supply voltage
during operation, the under-voltage lock-out protection
will automatically freeze the device, preventing the
electrical
perturbation
to
affect
the
magnetic
measurement circuitry. The output current state is
therefore only updated based on a proper and accurate
magnetic measurement result.
The two-wire interface not only saves one wire, but also
allows
implementation
of
diagnostic
functions
as
reverse polarity connection and malfunction detection.
The on-chip thermal protection also switches off the
output if the junction temperature increases above an
abnormally high threshold. It will automatically recover
once the temperature decreases below a safe value.
With switching magnetic characteristics the supply
current state is turned high by a sufficiently strong field
facing the package branded side. Toggling the state of
the supply current from high to low is possible by
applying low or no magnetic field.
The MLX92221 is delivered in a Green and RoHS
compliant Plastic Single-in-Line (TO-92 flat) for through-
hole mount or PCB-less design or in 3-pin Thin Small
Outline Transistor (TSOT) for surfacemount process


Podobny numer części - MLX92241LSE-AAA-008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92241LSE-AAA-LSERE MELEXIS-MLX92241LSE-AAA-LSERE Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
More results

Podobny opis - MLX92241LSE-AAA-008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
logo
Allegro MicroSystems
3161 ALLEGRO-3161_02 Datasheet
145Kb / 8P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
A3163 ALLEGRO-A3163 Datasheet
162Kb / 10P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
3161 ALLEGRO-3161 Datasheet
169Kb / 8P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
[Old version datasheet]   TMAG5124 Hall Effect Switch With 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com