Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF205-S Arkusz danych(PDF) 1 Page - LEM

Numer części LF205-S
Szczegółowy opis  CURRENT TRANSDUCER LF 205-S
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEM [LEM]
Strona internetowa  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF205-S Arkusz danych(HTML) 1 Page - LEM

  LF205-S Datasheet HTML 1Page - LEM LF205-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Transducer LF 205-S
For the electronic measurement of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
200
A
I
P
Primary current, measuring range
0 .. ± 420
A
R
M
Measuring resistance @
T
A = 70°C
T
A = 85°C
R
M min RM max RM min RM max
with ± 12 V
@ ± 200 A
max
0
71
0
69
@ ± 420 A
max
0
14
0
12
with ± 15 V
@ ± 200 A
max
0
100
23
98
@ ± 420 A
max
0
28
23
26
I
SN
Secondary nominal r.m.s. current
100
mA
K
N
Conversion ratio
1 : 2000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption @ ± 15 V
17 + I
S
mA
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
3.5
kV
Accuracy - Dynamic performance data
X
G
Overall accuracy @ I
PN , TA = 25°C
± 0.5
%
ε
L
Linearity
< 0.1
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.2
mA
I
OM
Residual current 1) @ I
P = 0, after an overload of 3 x IPN
± 0.1
mA
I
OT
Thermal drift of I
O
- 40°C .. + 85°C
± 0.12
± 0.4
mA
t
ra
Reaction time @ 10 % of I
PN
< 500
ns
t
r
Response time 2) @ 90 % of I
PN
< 1
µs
di/dt
di/dt accurately followed
> 100
A/µs
f
Frequency bandwidth (- 3 dB)
DC .. 100
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance @ T
A = 70°C
33
@ T
A = 85°C
35
m
Mass
78
g
Standards 3)
EN 50178
Notes : 1) The result of the coercive field of the magnetic circuit
2) With a di/dt of 100 A/µs
3) A list of corresponding tests is available.
Features
Closed loop (compensated) current
transducer using the Hall effect
Insulated plastic case recognized
according to UL 94-V0.
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capability.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
I
PN
=
200 A
021125/10
LEM Components
www.lem.com


Podobny numer części - LF205-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
LF205-S LEM-LF205-S Datasheet
172Kb / 3P
   Current Transducer
LF205-S LEM-LF205-S_06 Datasheet
172Kb / 3P
   Current Transducer
LF205-S LEM-LF205-S_13 Datasheet
721Kb / 3P
   Current Transducer
More results

Podobny opis - LF205-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
LF205-P LEM-LF205-P Datasheet
48Kb / 2P
   Current Transducer LF 205-P
LF205P LEM-LF205P Datasheet
73Kb / 2P
   Current Transducer LF 205-P/SP1
LA-205-S LEM-LA-205-S Datasheet
372Kb / 3P
   Current Transducer LA 205-S
LA205-S LEM-LA205-S Datasheet
73Kb / 2P
   Current Transducer LA 205-S
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
   Current Transducer LF 1005-S
LF-510-S LEM-LF-510-S Datasheet
1Mb / 7P
   Current transducer LF 510-S
LF505-S LEM-LF505-S Datasheet
117Kb / 2P
   Current Transducer LF 505-S
LF2005-S LEM-LF2005-S Datasheet
70Kb / 2P
   Current Transducer LF 2005-S
LF305-S LEM-LF305-S Datasheet
130Kb / 2P
   Current Transducer LF 305-S
HAR1000-S LEM-HAR1000-S Datasheet
270Kb / 2P
   Current Transducer HAR 1000-S
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com