Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC786961W Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LC786961W
Szczegółowy opis  Compact Disc Player IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC786961W Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LC786961W Datasheet HTML 1Page - Sanyo Semicon Device LC786961W Datasheet HTML 2Page - Sanyo Semicon Device LC786961W Datasheet HTML 3Page - Sanyo Semicon Device LC786961W Datasheet HTML 4Page - Sanyo Semicon Device LC786961W Datasheet HTML 5Page - Sanyo Semicon Device LC786961W Datasheet HTML 6Page - Sanyo Semicon Device LC786961W Datasheet HTML 7Page - Sanyo Semicon Device LC786961W Datasheet HTML 8Page - Sanyo Semicon Device LC786961W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LC786961W
No.A2081-5/29
Specifications
Absolute Maximum Ratings
at Ta = 25
°C, DVSS = AVSS = LRVSS = XVSS1 = XVSS2 = VVSS1 = VVSS2 = 0V
Parameter
Symbol
Pin names
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
DVDD, AVDD, LRVDD, XVDD1,
XVDD2, UVDD, VVDD1, VVDD2,
VVDD3
-0.3 to +3.95
V
Input voltage 1
VIN1
Input pins other than VIN2
-0.3 to DVDD+0.3
V
Input voltage 2
VIN2
RESB, SIFCK, SIFDI, SIFDO,
SIFCE, BUSYB, GP03, GP04,
GP05, GP06, GP07, GP10,
GP11, GP12, GP14, GP15,
GP16, GP26, GP27, JTRSTB,
JTCK, JTDI, JTMS
-0.3 to +5.6
V
Output voltage
VOUT
-0.3 to DVDD+0.3
V
Allowable power dissipation
Pd max
Ta
≤ 85°C
Mounted reference PCB (*)
540
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-40 to +125
°C
(*)Reference PCB: 114.3mm×76.1mm×1.6mm, glass epoxy resin
Allowable Operating Ranges
at Ta = -40 to +85
°C, DVSS = AVSS = LRVSS = XVSS1 = XVSS2 = VVSS1 =
VVSS2 = 0V
Parameter
Symbol
Pin names
Conditions
min
typ
max
Unit
Supply voltage
VDD1
DVDD, AVDD, LRVDD, XVDD1,
XVDD2, UVDD, VVDD1, VVDD2,
VVDD3
3.00
3.60
V
VIH(1)
RESB, SIFCK, SIFDI, SIFDO,
SIFCE, BUSYB, GP03, GP04,
GP05, GP06, GP07, GP10,
GP11, GP12, GP14, GP15,
GP16, GP26, GP27, JTMS,
JTRSTB, JTCK, JTDI
Schmitt
2.00
5.50
V
High-level input voltage
VIH(2)
GP13, GP17, GP20, GP21,
GP22, GP23, GP24, GP25,
GP60, GP61, GP62, GP63,
GP64, GP65,
SDDAT00 to SDDAT15,
PMODE0, PMODE1
Schmitt
2.00
VDD1V
VIL(1)
RESB, SIFCK, SIFDI,
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12,
GP14, GP15, GP16, GP26,
GP27, JTMS, JTRSTB,
JTCK, JTDI
Schmitt
0
0.80
V
Low-level input voltage
VIL(2)
GP13, GP17, GP20, GP21,
GP22, GP23, GP24, GP25,
GP60, GP61, GP62, GP63,
GP64, GP65,
SDDAT00 to SDDAT15,
MODE0, MODE1, MODE2
Schmitt
0
0.80
V
XIN
FX1
XOUT
Oscillator circuit
12.0
MHz
X16IN
Crystal oscillator frequency
FX2
X16OUT
Oscillator circuit
16.9344
MHz


Podobny numer części - LC786961W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786961W-H ONSEMI-LC786961W-H Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
More results

Podobny opis - LC786961W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com