Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1844MC Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA1844MC
Szczegółowy opis  Monolithic Linear IC For Home Stereo Single-chip Tuner IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1844MC Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA1844MC Datasheet HTML 1Page - Sanyo Semicon Device LA1844MC Datasheet HTML 2Page - Sanyo Semicon Device LA1844MC Datasheet HTML 3Page - Sanyo Semicon Device LA1844MC Datasheet HTML 4Page - Sanyo Semicon Device LA1844MC Datasheet HTML 5Page - Sanyo Semicon Device LA1844MC Datasheet HTML 6Page - Sanyo Semicon Device LA1844MC Datasheet HTML 7Page - Sanyo Semicon Device LA1844MC Datasheet HTML 8Page - Sanyo Semicon Device LA1844MC Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
62712 SY 20120611-S00003/51612 SY No.A2057-1/11
LA1844MC
Overview
The LA1844MC is designed for use in mini systems and is a single-chip tuner IC that provides electronic tuning functions
using SD/IF-count technique. It incorporates a pilot canceler and an adjustment-free MUX VCO circuit, thus allows
additional parts to be reduced.
Features
• Integrated MPX VCO (ceramic resonators are no longer required.)
• Built-in adjacent channel interference rejection function (114kHz, 190kHz)
• Supports both SD and IF-count techniques
• Both FM SD sensitivity and bandwidth can be set
• Pilot canceler built in.
• Package : MFP24SJ(300mil)
Functions
• AM :
RF amplifier, mixer, oscillator, IF amplifier, detector, AGC, SD, oscillator buffer, IF buffer, stereo IF output,
AGC time constant switch
• FM IF : IF amplifier, quadrature detector, S-meter, SD (signal detection), S-curve detection, IF buffer output
• MPX : PLL stereo decoder, stereo display, forced monaural, VCO stop, audio muting, adjacent channel interference
rejection function, pilot canceler
Ordering number : ENA2057A
Monolithic Linear IC
For Home Stereo
Single-chip Tuner IC


Podobny numer części - LA1844MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
More results

Podobny opis - LA1844MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
logo
Panasonic Semiconductor
AN18208A PANASONIC-AN18208A Datasheet
731Kb / 37P
   Tuner IC for home-audio stereo set
AN18207A PANASONIC-AN18207A Datasheet
730Kb / 38P
   Tuner IC for home-audio stereo set
logo
Sanyo Semicon Device
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com