Zakładka z wyszukiwarką danych komponentów |
|
AD1315KZ Arkusz danych(PDF) 7 Page - HANAMICRON |
|
AD1315KZ Arkusz danych(HTML) 7 Page - HANAMICRON |
7 / 8 page AD1315 –7– REV. A APPLICATIONS The AD1315 has been optimized to function as an active load in an ATE test system. Figure 14 shows a block diagram illus- trating the electronics behind a single pin of a high speed digital functional test system with the ability to test I/O pins on logic devices. The AD1315 active load, AD1321 or AD1324 pin driver, AD1317 high speed dual comparator and the AD664 quad 12-bit voltage DAC would comprise the pin electronic portion of the test system. Such a system could operate at 100 MHz with the AD1321 (200 MHz with the AD1324) in a data mode or 50 MHz (100 MHz) in the I/O mode. The VCOM input sets the commutation voltage of the active load. With DUT output voltage above VCOM, the load will sink cur- rent (IOH). With DUT output voltage below VCOM, the load will source current (IOL). Like the IOH and IOL return lines, the VCOM must be able to sink or source 50 mA, therefore a standard op amp will not suffice. An op amp with an external complemen- tary output stage or a high power op amp such as the AD842 will work well here. A typical application is shown in Figure 15. LAYOUT CONSIDERATIONS IOHRTN and IOLRTN may be connected to any potential between –2 V and +7 V. These return points must be able to source or sink 50 mA, since the IOH and IOL programmed currents are diverted here in the inhibit mode. The RTNs may be connected to a suitable GND. However, to keep transient ground currents to a minimum, they are typically tied to the VCOM programming voltage point. Figure 14. High Speed Digital Test System Block Diagram Figure 15. Suggested IOHRTN, IOLRTN, VCOM Hookup |
Podobny numer części - AD1315KZ |
|
Podobny opis - AD1315KZ |