Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1385TD Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD1385TD
Szczegółowy opis  16-Bit 500 kHz Wide Temperature Range Sampling ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1385TD Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD1385TD Datasheet HTML 5Page - Analog Devices AD1385TD Datasheet HTML 6Page - Analog Devices AD1385TD Datasheet HTML 7Page - Analog Devices AD1385TD Datasheet HTML 8Page - Analog Devices AD1385TD Datasheet HTML 9Page - Analog Devices AD1385TD Datasheet HTML 10Page - Analog Devices AD1385TD Datasheet HTML 11Page - Analog Devices AD1385TD Datasheet HTML 12Page - Analog Devices AD1385TD Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD1385
REV. 0
–9–
DIGITAL INTERFACES
10 MHz Clock
The AD1385 requires a stable external clock. A 10 MHz clock
provides a sample rate of 500 kilosamples per second. Since
the ADC operates synchronously with this clock, clock phase
noise will appear as jitter in the aperture time. Lower clock
frequencies may be used, and the sample rate will be reduced
proportionately.
Standard TTL and CMOS crystal oscillator modules may be
used successfully to generate the required 10 MHz clock signal.
These oscillators often create considerable power supply tran-
sient noise. The oscillator should be bypassed with both ce-
ramic and solid tantalum capacitors using minimum lead
lengths. A 10
Ω resistor in series with the +5 V supply provides
additional isolation and low-pass filtering of transients pro-
duced by the oscillator. See Figure 16.
Figure 16. Isolating Clock Noise. Bypass Capacitors
Should Be Located Close to the Oscillator
Transmission line effects cannot be ignored when supplying the
AD1385’s 10 MHz clock. The large impedance mismatch be-
tween typical PCB traces and the AD1385’s CMOS clock input
can give rise to reflections and high frequency transients when
the 10 MHz clock source is located more than a few inches
from the AD1385. This noise can corrupt local ground and
cause degradation in the AD1385’s apparent SNR perfor-
mance. A series termination resistor of 50
Ω to 100 Ω, located
at the clock source, will usually eliminate this problem.
START CONVERT (PIN 18)
Synchronous Operation
The Start Convert signal acts like the data input of a flip-flop. A
conversion begins on the first rising clock edge after Start Con-
vert goes high (provided setup time requirements are met). This
edge drives Hold Command Out high, switching the T/H into
Hold mode. Hold Command Out (Pin 19) should be connected
to Hold Command In (Pin 22) for synchronous operation.
Continuous conversions at a 500 kHz rate may be obtained by
holding Start Convert high. The 10 MHz clock may be divided
down and used to drive the Start Convert input when a lower
conversion rate is desired. This will provide clock-synchronized
conversions at the lower rate. Synchronous conversion timing is
shown in Figures 17 and 18.
Start Convert may also be used as a gate to capture data in a
time window. The rising and falling edges of Start Convert
define the beginning and end of the window during which
conversions are desired.
Some restrictions apply when using a pulse to drive the Start
Convert input. Start Convert is ignored during a conversion for
seven clock periods after Hold Command Out goes low to sig-
nal the end of a conversion. The state of Start Convert is sampled
on each rising clock edge, beginning with the seventh edge after
Hold Command Out goes low, until a logical high is detected.
Figure 15. Recommended AD1385 Power Distribution. All
10
µF and 0.01 µF capacitors must have minimum lead
length and be located as close as possible to the by-
passed pins. Make all ground connections directly to the
groundplane.
If separate ground planes are used for Signal and Power
Ground, the supplies should be bypassed as follows:
Supply
Bypass to
±5 V Analog
Signal Ground
±15 V (+V
S1/–VS1)
Signal Ground
±15 V (+V
S2/–VS2)
Power Ground
±5 V Power
Power Ground
Care is also required when using a +5 V powered crystal oscil-
lator to provide the AD1385’s clock signal. These devices produce
considerable supply noise and proper bypassing is essential.
The oscillator should be bypassed with both ceramic and solid
tantalum capacitors using minimum lead lengths. A 10
Ω resis-
tor in series with the +5 V supply provides additional isolation
and low pass filtering of transients produced by the oscillator.
Reference
The AD1385 has an excellent internal reference with a typical
temperature coefficient of 5 ppm/
°C. The Reference Out (Pin
39) is normally connected to Reference In (Pin 32). An exter-
nal reference may be connected to the reference input if desired.
The reference input pin requires negligible current. The refer-
ence input voltage should not exceed +11 V and must remain
more positive than 0 V. The reference output requires no by-
passing and should not be capacitively loaded. If an external
reference is used, it must have low noise to avoid degrading the
signal to noise ratio of the AD1385.
The reference output can source up to 2 mA of static (dc) cur-
rent without affecting the performance of the AD1385. By using
the AD1385’s internal reference as the system reference, gain
error over temperature can be minimized.


Podobny numer części - AD1385TD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1380 AD-AD1380 Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
AD1380JD AD-AD1380JD Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
AD1380KD AD-AD1380KD Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
   Low Cost 16-Bit Sampling ADC
REV. D
AD1382 AD-AD1382 Datasheet
1Mb / 16P
   16-Bit 500 kHz Sampling ADC
REV. A
More results

Podobny opis - AD1385TD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1392 AD-AD1392 Datasheet
1Mb / 16P
   16-Bit 500 kHz Sampling ADC
REV. A
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com