Zakładka z wyszukiwarką danych komponentów |
|
AD1377KD Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD1377KD Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 8 page –2– REV. B AD1376/AD1377–SPECIFICATIONS Model AD1376JD/AD1377JD AD1376KD/AD1377KD Units RESOLUTION 16 (max) 16 (max) Bits ANALOG INPUTS Voltage Ranges Bipolar ±2.5, ±5, ±10 ±2.5, ±5, ±10 Volts Unipolar 0 to +5, 0 to +10, 0 to +20 0 to +5, 0 to +10, 0 to +20 Volts Impedance (Direct Input) 0 V to +5 V, ±2.5 V 1.88 1.88 k Ω 0 V to +10 V, ±5.0 V 3.75 3.75 k Ω 0 V to +20 V, ±10 V 7.50 7.50 k Ω DIGITAL INPUTS 1 Convert command Positive Pulse 50 ns Wide (min) Trailing Edge Initiates Conversion Logic Loading 1 1 LS TTL Load TRANSFER CHARACTERISTICS 2 ACCURACY Gain Error ±0.053 (±0.2 max) ±0.053 (±0.2 max) % Offset Error Unipolar ±0.053 (±0.1 max) ±0.053 (±0.1 max) % of FSR 4 Bipolar ±0.053 (±0.2 max) ±0.053 (±0.2 max) % of FSR Linearity Error (max) ±0.006 ±0.003 % of FSR Inherent Quantization Error ±1/2 ±1/2 LSB Differential Linearity Error ±0.003 ±0.003 % of FSR POWER SUPPLY SENSITIVITY ±15 V dc (±0.75 V) 0.0015 0.0015 % of FSR/% ∆V S +5 V dc ( ±0.25 V) 0.001 0.001 % of FSR/% ∆V S CONVERSION TIME5 12 Bits (AD1376) 11.5 (13 max) 11.5 (13 max) µs 14 Bits (AD1376) 13.5 (15 max) 13.5 (15 max) µs 16 Bits (AD1376) 15.5 (17 max) 15.5 (17 max) µs 14 Bits (AD1377) 8.75 max 8.75 max µs 16 Bits (AD1377) 10 max 10 max µs POWER SUPPLY REQUIREMENTS Rated Voltage, Analog ±15, ±0.5 (max) ±15, ±0.5 (max) V dc Rated Voltage, Digital +5, ±0.25 (max) +5, ±0.25 (max) V dc AD1376 Power Consumption 645 (850 max) 645 (850 max) mW +15 V Supply Drain +16 +16 mA –15 V Supply Drain –21 –21 mA +5 V Supply Drain +18 +18 mA AD1377 Power Consumption 600 (800 max) 600 (800 max) mW +15 V Supply Drain +10 +10 mA –15 V Supply Drain –23 –23 mA +5 V Supply Drain +18 +18 mA WARM-UP TIME 1 1 minutes DRIFT 6 Gain ±15 (max) ±5 (±15 max) ppm/ °C Offset Unipolar ±2 (±4 max) ±2 (±4 max) ppm of FSR/ °C Bipolar ±10 (max) ±3 (±10 max) ppm of FSR/ °C Linearity ±2 (±3 max) ±0.3 (±2 max) ppm of FSR/ °C Guaranteed No Missing Code Temperature Range 0 to 70 (13 Bits) 0 to 70 (14 Bits) °C DIGITAL OUTPUT 1 (All Codes Complementary) Parallel & Serial Output Codes7 Unipolar CSB CSB Bipolar COB, CTC8 COB, CTC8 Output Drive 5 5 LSTTL Loads (typical at TA = +25 C, VS = 15, +5 V unless otherwise noted) |
Podobny numer części - AD1377KD |
|
Podobny opis - AD1377KD |