Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD14160LKB-4 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD14160LKB-4
Szczegółowy opis  Quad-SHARC DSP Multiprocessor Family
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD14160LKB-4 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD14160LKB-4 Datasheet HTML 7Page - Analog Devices AD14160LKB-4 Datasheet HTML 8Page - Analog Devices AD14160LKB-4 Datasheet HTML 9Page - Analog Devices AD14160LKB-4 Datasheet HTML 10Page - Analog Devices AD14160LKB-4 Datasheet HTML 11Page - Analog Devices AD14160LKB-4 Datasheet HTML 12Page - Analog Devices AD14160LKB-4 Datasheet HTML 13Page - Analog Devices AD14160LKB-4 Datasheet HTML 14Page - Analog Devices AD14160LKB-4 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
AD14160/AD14160L
–11–
REV. A
Pin
Type
Function
BMSBCD
I/O/T
2
Boot Memory Select. Output: Used as chip select for boot EPROM devices (when EBOOTBCD = 1,
LBOOTBCD = 0). In a multiprocessor system, BMS is output by the bus master. Input: When low,
indicates that no booting will occur and that SHARC_B, C, D will begin executing instructions from
external memory. See table below. This input is a system configuration selection which should be
hardwired.
EBOOT
LBOOT
BMS
Booting Mode
1
0
Output
EPROM (Connect BMS to EPROM chip select)
0
0
1 (Input)
Host Processor
0
1
1 (Input)
Link Port
0
0
0 (Input)
No Booting. Processor executes from external memory.
0
1
0 (Input)
Reserved
1
1
x (Input)
Reserved
TIMEXPy
O
Timer Expired. (Individual TIMEXP from y = SHARC_A, SHARC_B, SHARC_C, SHARC_D) Asserted
for four cycles when the timer is enabled and TCOUNT decrements to zero.
CLKIN
I
Clock In. (Common to all SHARCs) External clock input to the AD14160/AD14160L. The instruction
cycle rate is equal to CLKIN. CLKIN may not be halted, changed, or operated below the minimum specified
frequency.
RESET
I/A
Module Reset. (Common to all SHARCs) Resets the AD14160/AD14160L to a known state. This input
must be asserted (low) at power-up.
TCK
I
Test Clock (JTAG). (Common to all SHARCs) Provides an asynchronous clock for JTAG boundary
scan.
TMS
I/S
Test Mode Select (JTAG). (Common to all SHARCs) Used to control the test state machine. TMS has
a 20 k
Ω internal pull-up resistor.
TDI
I/S
Test Data Input (JTAG). Provides serial data for the boundary scan logic chain starting at SHARC_A.
TDI has a 20 k
Ω internal pull-up resistor.
TDO
O
Test Data Output (JTAG). Serial scan output of the boundary scan chain path, from SHARC_D.
TRST
I/A
Test Reset (JTAG). (Common to all SHARCs) Resets the test state machine.
TRST must be asserted
(pulsed low) after power-up or held low for proper operation of the AD14160/AD14160L.
TRST has a
20 k
Ω internal pull-up resistor.
EMU (O/D)
O
Emulation Status. (Common to all SHARCs) Must be connected to the ADSP-2106x EZ-ICE target
board connector only.
VDD
P
Power Supply. Nominally +5.0 V dc for 5 V devices or +3.3 V dc for 3.3 V devices (50 pins).
GND
G
Power Supply Return. (64 pins).
NOTES
1LINK PORTS 0 and 5 are connected internally as described earlier in Link Port I/O.
2Three-statable only in EPROM boot mode (when
BMS is an output).


Podobny numer części - AD14160LKB-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD140 ETC1-AD140 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
Analog Devices
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
More results

Podobny opis - AD14160LKB-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21061 AD-ADSP-21061_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP-21061LKSZ-160 AD-ADSP-21061LKSZ-160 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
ADSP-21061L AD-ADSP-21061L_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com