Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744774068 Arkusz danych(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744774068
Szczegółowy opis  POWER CHOKE WE-PD2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744774068 Arkusz danych(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744774068 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744774068 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744774068 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
5,40 ± 0,1
mm
B
8,00 ± 0,1
mm
+ 0,1
- 0,0
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
7,50 ± 0,1
mm
I
6,20 ± 0,1
mm
J
4,90 ± 0,1
mm
T
0,35 ± 0,05
mm
W
16,0 ± 0,3
mm
a
330,0 ± 0,5
mm
b
20,20 ± 0,1
mm
+ 0,5
- 1,0
d
100,0 ± 1,0
mm
ME
06-06-18
SST
05-06-21
MST
04-10-11
Name
Datum / date
Änderung / modification
Version 1
Version 2
c
Version 3
mm
mm
1,50
D
min.
C
1,50
Spezifikation für Freigabe / specification for release
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
..................................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Unterschrift / signature
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
mm
13,00
Kunde / customer :
Artikelnummer / part number :
744774068
SMD-SPEICHERDROSSEL WE-PD2
POWER CHOKE WE-PD2
DATUM / DATE : 2006-06-18
Ø c
a
d
b
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the
possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention,
medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which
is used in electrical circuits that require high safety and reliability functions or performance.
I
T
J
øD
W
H
G
C
B
A
E
F
LF
SEITE 3 VON 3


Podobny numer części - 744774068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744774003 WURTH-744774003 Datasheet
128Kb / 3P
   POWER CHOKE WE-PD2
744774022 WURTH-744774022 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
744774027 WURTH-744774027 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
744774033 WURTH-744774033 Datasheet
466Kb / 3P
   POWER CHOKE WE-PD2
744774047 WURTH-744774047 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
More results

Podobny opis - 744774068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7447745039 WURTH-7447745039 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450082 WURTH-74477450082 Datasheet
113Kb / 3P
   POWER CHOKE WE-PD2
74477420 WURTH-74477420 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
74477620 WURTH-74477620 Datasheet
158Kb / 3P
   POWER-CHOKE WE-PD2
744773039 WURTH-744773039 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744773127 WURTH-744773127 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744775118 WURTH-744775118 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775147 WURTH-744775147 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775210 WURTH-744775210 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744776012 WURTH-744776012 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD2
744776056 WURTH-744776056 Datasheet
133Kb / 3P
   POWER-CHOKE WE-PD2
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com