Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1854 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD1854
Szczegółowy opis  Stereo, 96 kHz, Multibit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1854 Arkusz danych(HTML) 3 Page - Analog Devices

  AD1854 Datasheet HTML 1Page - Analog Devices AD1854 Datasheet HTML 2Page - Analog Devices AD1854 Datasheet HTML 3Page - Analog Devices AD1854 Datasheet HTML 4Page - Analog Devices AD1854 Datasheet HTML 5Page - Analog Devices AD1854 Datasheet HTML 6Page - Analog Devices AD1854 Datasheet HTML 7Page - Analog Devices AD1854 Datasheet HTML 8Page - Analog Devices AD1854 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. A
AD1854
POWER
Min
Typ
Max
Unit
Supplies
Voltage, Analog and Digital
4.5
5
5.5
V
Analog Current
26
30
35
mA
Analog Current—Power-Down
26
29
33.5
mA
Digital Current
14
17
20
mA
Digital Current—Power-Down
1.5
2.5
5.5
mA
Dissipation
Operation—Both Supplies
250
mW
Operation—Analog Supply
150
mW
Operation—Digital Supply
100
mW
Power-Down—Both Supplies
190
mW
Power Supply Rejection Ratio
1 kHz 300 mV p-p Signal at Analog Supply Pins
–60
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–50
dB
TEMPERATURE RANGE
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
0
70
°C
Storage
–55
+125
°C
DIGITAL TIMING (Guaranteed over 0 C to 70 C, AVDD = DVDD = 5.0 V
10%)
Min
Max
Unit
tDMP
MCLK Period (512 FS Mode)
35
ns
tDMP
MCLK Period (384 FS Mode)
48
ns
tDMP
MCLK Period (256 FS Mode)
70
ns
tDML
MCLK LO Pulsewidth (All Mode)
0.4
× tDMP
ns
tDMH
MCLK HI Pulsewidth (All Mode)
0.4
× tDMP
ns
tDBH
BCLK HI Pulsewidth
20
ns
tDBL
BCLK LO Pulsewidth
20
ns
tDBP
BCLK Period
140
ns
tDLS
L/RCLK Setup
20
ns
tDLH
L/RCLK Hold (DSP Serial Port Mode Only)
5
ns
tDDS
SDATA Setup
5
ns
tDDH
SDATA Hold
10
ns
tPDRP
PD/RST LO Pulsewidth
4 MCLK Periods
ns
DIGITAL FILTER CHARACTERISTICS
Min
Typ
Max
Unit
Passband Ripple
±0.04
dB
Stopband Attenuation
47
dB
Passband
0.448
FS
Stopband
0.552
FS
Group Delay
106/FS
sec
Group Delay Variation
0
µs
Specifications subject to change without notice.


Podobny numer części - AD1854

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
More results

Podobny opis - AD1854

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com