Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1787M Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA1787M
Szczegółowy opis  Single-Chip Tuner IC for Car Radios
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1787M Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA1787M Datasheet HTML 1Page - Sanyo Semicon Device LA1787M Datasheet HTML 2Page - Sanyo Semicon Device LA1787M Datasheet HTML 3Page - Sanyo Semicon Device LA1787M Datasheet HTML 4Page - Sanyo Semicon Device LA1787M Datasheet HTML 5Page - Sanyo Semicon Device LA1787M Datasheet HTML 6Page - Sanyo Semicon Device LA1787M Datasheet HTML 7Page - Sanyo Semicon Device LA1787M Datasheet HTML 8Page - Sanyo Semicon Device LA1787M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Overview
The LA1787M integrates all six blocks required in a car
radio tuner on a single chip.
Functions
• FM front end
• FM IF
• Noise canceller
• Multiplex
• AM up-conversion
• FM/AM switch
• MRC
Features
• Improved noise reduction methods
— The FM front end provides excellent 3-signal
characteristics equivalent to those of the LA1193M.
— Superlative listenability due to improved medium and
weak field noise canceller characteristics.
— Improved separation characteristics
— Anti-birdie filter
— Improved AM and FM thermal characteristics
— Excellent FM signal meter linearity
— Modified N.C. circuit for improved noise rejection
• Improved
AM
adjacent
channel
interference
characteristics (
∆40 kHz)
• Double conversion AM tuner (up conversion)
Reduces the number of external components required as
compared to earlier double conversion tuners, in
particular, no crystal is required (when used in
conjunction with the LC72144).
• Sample-to-sample variation reduction circuit built into
the FM IF circuit.
(Fixed resistors are used for the SD, keyed AGC, mute
on adjustment, ATT, SNC, and HCC functions.)
• Improved FM separation temperature characteristics
• The LA1787 inherits the block arrangement of the
LA1780M and supports pin-compatible designs.
Package Dimensions
Unit:mm
3159A-QIP64E (14
× 14)
Monolithic Linear IC
Ordering number : ENN6655
72602RM (OT) No. 6655-1/54
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Single-Chip Tuner IC for Car Radios
LA1787M
14.0
17.2
0.15
0.35
0.8
(1.0)
116
17
32
33
48
49
64
Ambient temperature, Ta — °C
Mounted on a 40
× 80 × 1.3 mm3
glass epoxy printed circuit board
Independent IC
SANYO: QIP64E (14
× 14)
[LA1787M]


Podobny numer części - LA1787M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
logo
ON Semiconductor
LA1787M ONSEMI-LA1787M Datasheet
617Kb / 54P
   Single-Chip Tuner IC
January, 2011
More results

Podobny opis - LA1787M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com