Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1824 Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LA1824
Szczegółowy opis  Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1824 Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LA1824_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LA1824
No.6855-5/10
Coil specifications (bottom view)
FM-BPF : SA-309 (Sumida)
88 MHz to 108 MHz
FM-RF
: SA-149 (Sumida)
3.6 mm diameter, air core, 0.6 mm wire, 4.5 T
FM-OSC : SA-151 (Sumida)
3.6 mm diameter, air core, 0.6 mm wire, 3.5 T
FM-MIX : SA-165 (Sumida)
: A119ACS-19458X (Toko)
4-6
2 T
3-1
10 T
3-1
12 T
4-6
2 T
0.12UEW
0.1-2UEW
fo = 10.7 MHz
fo = 10.7 MHz
Qo
≥ 50
Qo
≥ 60
100 pF internal
100 pF internal
FM-DET : SA-1134 (Sumida)
: A119ACS-19459Z (Toko)
1-3
12 T
1-3
11 T
0.10UEW
0.1-2UEW
fo = 10.7 MHz
fo = 10.7 MHz
Qo
≥ 70
Qo
≥ 70
82 pF internal
82 pF internal
AM-OSC : SA-181 (Sumida)
: L7BRS-3132AQ (Toko)
6-4
37 T
3-1
64 T
3-1
74 T
6-4
32 T
0.06UEW
0.06-2UEW
fo = 796 kHz
fo = 796 kHz
Qo
≥ 80
Qo
≥ 65
L = 140
µH
L = 140
µH
AM-MIX : SA-1136 (Sumida)
: PCFAZ-082 (Toko)
3-2
122 T
1-2
47 T
4-6
9 T
2-3
100 T
2-1
62 T
4-6
12 T
0.06UEW
fo = 450 kHz
fo = 450 kHz, Qo
≥ 65
180 pF internal
180 pF internal
With AM-IF filter
FM-IF filter : SFE10.7MS2 (Murata)
AM-IF filter : SFU450B (Murata)
Poly-varicon : FT-2217 (Toko)
MW Bar-antenna : C8E-A0105 (Toko)
1-2
67 T
3-4
9 T
fo = 796 kHz
Qu = 180 min
L = 260
µH
2
ILA00378
3
1
S
S
4
6
CF
VCC
pin5
GND
2
ILA00382
3
1
S
S
4
6
CF
VCC
pin5
GND
2
ILA00379
3
1
S
4
6
VCC
pin13
2
ILA00379
3
1
S
4
6
VCC
pin13
2
ILA00380
3
1
S
S
4
6
pin3
PVC
GND
VCC
2
ILA00380
3
1
S
S
4
6
pin3
PVC
GND
VCC
2
ILA00381
3
1
S
S
4
6
CF
VCC
pin7
GND
ACFA-450L08
GND
2
ILA00383
3
1
S
S
4
6
VCC
pin7
2
ILA00384
3
1
SS
4
pin1
GND
PVC
pin2


Podobny numer części - LA1824_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
More results

Podobny opis - LA1824_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Toshiba Semiconductor
TC9309F-106 TOSHIBA-TC9309F-106 Datasheet
164Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-119 TOSHIBA-TC9309AF-119 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-112 TOSHIBA-TC9309AF-112 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com