Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1879 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD1879
Szczegółowy opis  High Performance 16-/18-Bit Stereo ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1879 Arkusz danych(HTML) 3 Page - Analog Devices

  AD1879 Datasheet HTML 1Page - Analog Devices AD1879 Datasheet HTML 2Page - Analog Devices AD1879 Datasheet HTML 3Page - Analog Devices AD1879 Datasheet HTML 4Page - Analog Devices AD1879 Datasheet HTML 5Page - Analog Devices AD1879 Datasheet HTML 6Page - Analog Devices AD1879 Datasheet HTML 7Page - Analog Devices AD1879 Datasheet HTML 8Page - Analog Devices AD1879 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD1878/AD1879
DIGITAL INPUTS
Min
Max
Units
VIH
V
VIL
0.8
V
IIH @ VIH = 5 V
10
µA
IIL @ VIL = 0 V
10
µA
VOH @ IOH = 360 µA
4.0
V
VOL @ IOL = 1.6 mA
0.5
V
DIGITAL TIMING
Min
Typ
Max
Units
CLOCK
Period (TCLOCK = 1/FCLOCK)
0.07
100
µs
LO Pulse Width
35
ns
HI Pulse Width
35
ns
BCK Pulse Width
2
CLOCK Periods
64-Bit Frame LRCK Pulse Width
32
BCK Periods
32-Bit Frame LRCK Pulse Width
16
BCK Periods
WCK Pulse Width
1
BCK Periods
tRSET
RESET
Setup to CLOCK Rising
5
ns
tRHLD
RESET
Hold from CLOCK Rising
20
ns
tRSLS
RESET
Pulse Width
4
10
µs
CLOCK Periods
tWSET
WCK to CLOCK Rising
5
ns
tWHLD
WCK Hold from CLOCK Rising
20
ns
tDLYCK
CLOCK to BCK/WCK/LRCK Delay
65
ns
(Master Mode)
tSET
BCK/LRCK to CLOCK Falling
5
ns
(Slave Mode)
tHLD
BCK/LRCK Hold from CLOCK Falling
20
ns
(Slave Mode)
tDLYD, MSB
CLOCK Falling to MSB DATA Delay
65
ns
tDLYD
CLOCK Rising to DATA Delay, Except MSB
70
ns
POWER
Min
Typ
Max
Units
Supplies
Voltage, DVDD/AVDD1/AVDD2
4.75
5
5.25
V
Voltage, AVSS1/AVSS2
–5.25
–5
–4.75
V
Current, AVDD1/AVSS173
92
mA
Current, AVDD1/AVSS1—Power Down
13
23
mA
Current, AVDD2/AVSS2
8
10
mA
Current, DVDD
64
70
mA
Dissipation
Operation
1,130
1,370
mW
Operation—Analog Supplies
810
1,020
mW
Operation—Digital Supplies
320
350
mW
Power Down (All Supplies)
530
680
mW
Power Supply Rejection
1 kHz 300 mV p-p Signal at Analog Supply Pins
102
dBFS
Passband—Any 300 mV p-p Signal
92
dBFS
Stopband—Any 300 mV p-p Signal
105
dBFS
TEMPERATURE RANGE
Min
Typ
Max
Units
Specifications Guaranteed
+25
°C
Functionality Guaranteed
–25
+70
°C
Storage
–60
+100
°C
REV. 0
–3–


Podobny numer części - AD1879

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870 AD-AD1870 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870AR AD-AD1870AR Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870AR-REEL AD-AD1870AR-REEL Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870JR AD-AD1870JR Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
More results

Podobny opis - AD1879

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
logo
Linear Technology
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
   16-/18-Bit, Octal 200ksps SAR ADCs
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
logo
Wolfson Microelectronic...
WM8788 WOLFSON-WM8788 Datasheet
312Kb / 22P
   High Performance 24-bit Stereo ADC
logo
Analog Devices
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716_08 Datasheet
507Kb / 26P
   High Performance 24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
WM8740 WOLFSON-WM8740 Datasheet
344Kb / 20P
   24-bit, High Performance 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_04 Datasheet
455Kb / 24P
   24-bit, High Performance 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com