Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7176-2 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7176-2
Szczegółowy opis  The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed 誇-? analog-to-digital converter (ADC) for low band-width input signals.
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7176-2 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7176-2 Datasheet HTML 2Page - Analog Devices AD7176-2 Datasheet HTML 3Page - Analog Devices AD7176-2 Datasheet HTML 4Page - Analog Devices AD7176-2 Datasheet HTML 5Page - Analog Devices AD7176-2 Datasheet HTML 6Page - Analog Devices AD7176-2 Datasheet HTML 7Page - Analog Devices AD7176-2 Datasheet HTML 8Page - Analog Devices AD7176-2 Datasheet HTML 9Page - Analog Devices AD7176-2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
AD7176-2
Data Sheet
Rev. 0 | Page 6 of 68
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYSTEM CALIBRATION1
Full-Scale Calibration Limit
1.05 × FS
V
Zero-Scale Calibration Limit
−1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
POWER REQUIREMENTS
Power Supply Voltage
AVDD1 − AVSS
4.5
5.5
V
AVDD2 – AVSS
2
5.5
V
AVSS – DGND
−2.75
0
V
IOVDD − DGND
2
5.5
V
IOVDD – AVSS
For AVSS < DGND
6.35
V
POWER SUPPLY CURRENTS
All outputs unloaded, digital inputs
connected to IOVDD or DGND
Full Operating Mode
AVDD1 Current
External reference
1.5
1.75
mA
Internal reference
1.75
2.1
mA
AVDD2 Current
External reference
4.3
4.9
mA
Internal reference
4.5
5.1
mA
IOVDD Current
External clock
2
2.3
mA
Internal clock
2.25
2.6
mA
External crystal
2.5
mA
Standby Mode
Standby (LDO On)
Internal reference off, total current
consumption
22
µA
Internal reference on, total current
consumption
415
µA
Power-Down Mode
Full power-down, LDO, Internal
reference
0.5
10
µA
POWER DISSIPATION
Full Operating Mode
AVDD2 = 2 V, IOVDD = 2 V,
external clock and reference
20.1
23.15
mW
AVDD2 = 5 V, IOVDD = 5 V,
external clock and reference
39
44.75
mW
AVDD2 = 2 V, IOVDD = 2 V,
internal clock and reference
22.25
25.9
mW
AVDD2 = 5 V, IOVDD = 5 V,
internal clock and reference
42.5
49
mW
Standby Mode
Internal reference off, all supplies = 5 V
110
µW
Internal reference on, all supplies = 5 V
2.1
mW
Power-Down Mode
Full power-down
2.5
50
µW
1
Specification is not production tested but is supported by characterization data at the initial product release.
2
Following a system or internal zero-scale calibration, the offset error is in the order of the noise for the programmed output data rate selected. A system full-scale
calibration reduces the gain error to the order of the noise for the programmed output data rate.
3
The long-term stability specification is noncumulative.


Podobny numer części - AD7176-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Podobny opis - AD7176-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com