Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7176-2 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7176-2
Szczegółowy opis  The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed 誇-? analog-to-digital converter (ADC) for low band-width input signals.
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7176-2 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7176-2 Datasheet HTML 5Page - Analog Devices AD7176-2 Datasheet HTML 6Page - Analog Devices AD7176-2 Datasheet HTML 7Page - Analog Devices AD7176-2 Datasheet HTML 8Page - Analog Devices AD7176-2 Datasheet HTML 9Page - Analog Devices AD7176-2 Datasheet HTML 10Page - Analog Devices AD7176-2 Datasheet HTML 11Page - Analog Devices AD7176-2 Datasheet HTML 12Page - Analog Devices AD7176-2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Data Sheet
AD7176-2
Rev. 0 | Page 9 of 68
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AIN4
Analog Input 4. Selectable through crosspoint multiplexer.
2
REF−
Reference Input Negative Terminal. REF− can span from AVSS to AVDD1 − 1 V.
3
REF+
Reference Input Positive Terminal. An external reference can be applied between REF+ and REF−. REF+ can
span from AVDD1 to AVSS + 1 V. The part functions with a reference from 1 V to AVDD1.
4
REFOUT
Buffered Output of Internal Reference. The output is 2.5 V with respect to AVSS.
5
REGCAPA
Analog LDO Regulator Output. Decouple this pin to AVSS using a 1 µF capacitor.
6
AVSS
Negative Analog Supply. This supply ranges from 0 V to −2.75 V and is nominally set to 0 V.
7
AVDD1
Analog Supply Voltage 1. This voltage is 5 V ± 10% with respect to AVSS.
8
AVDD2
Analog Supply Voltage 2. This voltage ranges from 2 V to AVDD1 with respect to AVSS.
9
XTAL1
Input 1 for Crystal.
10
CLKIO/XTAL2
Clock Input or Output (Based on the CLOCKSEL Bits in the ADCMODE Register)/Input 2 for Crystal. There
are four options available:
Internal oscillator—no output.
Internal oscillator—output to CLKIO/XTAL2. Operates at IOVDD logic level.
External clock—input to CLKIO/XTAL2. Input should be at IOVDD logic level.
External crystal—connected between XTAL1 and CLKIO/XTAL2.
11
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose. It functions as a serial data
output pin to access the output shift register of the ADC. The output shift register can contain data from
any of the on-chip data or control registers. The data-word/control word information is placed on the
DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge. When CS is high, the
DOUT/RDY output is tristated. When CS is low, DOUT/RDY operates as a data ready pin, going low to
indicate the completion of a conversion. If the data is not read after the conversion, the pin goes high
before the next update occurs. The DOUT/RDY falling edge can be used as an interrupt to a processor,
indicating that valid data is available.
12
DIN
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the
control registers in the ADC, with the register address (RA) bits of the communications register identifying
the appropriate register. Data is clocked in on the rising edge of SCLK.
13
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK has a Schmitt-
triggered input, making the interface suitable for opto-isolated applications.
14
CS
Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC
in systems with more than one device on the serial bus. CS can be hardwired low, allowing the ADC to
operate in 3-wire mode with SCLK, DIN, and DOUT used to interface with the device. When CS is high, the
DOUT/RDY output is tristated.
1
2
3
4
5
6
7
8
9
10
12
11
REF–
REF+
REFOUT
AVDD1
AVSS
REGCAPA
AIN4
AVDD2
XTAL1
DIN
DOUT/RDY
CLKIO/XTAL2
20
21
22
23
24
19
18
17
16
15
14
13
AIN2
AIN1
AIN0
REGCAPD
GPIO0
GPIO1
DGND
IOVDD
SCLK
CS
SYNC/ERROR
AIN3
AD7176-2
TOP VIEW
(Not to Scale)


Podobny numer części - AD7176-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Podobny opis - AD7176-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com