Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7176-2 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7176-2
Szczegółowy opis  The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed 誇-? analog-to-digital converter (ADC) for low band-width input signals.
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7176-2 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7176-2 Datasheet HTML 6Page - Analog Devices AD7176-2 Datasheet HTML 7Page - Analog Devices AD7176-2 Datasheet HTML 8Page - Analog Devices AD7176-2 Datasheet HTML 9Page - Analog Devices AD7176-2 Datasheet HTML 10Page - Analog Devices AD7176-2 Datasheet HTML 11Page - Analog Devices AD7176-2 Datasheet HTML 12Page - Analog Devices AD7176-2 Datasheet HTML 13Page - Analog Devices AD7176-2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
AD7176-2
Data Sheet
Rev. 0 | Page 10 of 68
Pin No.
Mnemonic
Description
15
SYNC/ERROR
Can be switched between a logic input and a logic output in the GPIOCON register. When synchronization
input is enabled, this pin allows for synchronization of the digital filters and analog modulators when
using multiple AD7176-2 devices. When synchronization input is disabled, this pin can be used in one of
three modes:
Active low error input mode: this mode sets the ADC_ERROR bit in the STATUS register.
Active low, open-drain error output mode: the STATUS register error bits are mapped to the ERROR pin.
The ERROR pins of multiple devices can be wired together to a common pull-up resistor so that an error
on any device can be observed.
General-purpose output mode: the status of the pin is controlled by the ERR_DAT bit in the GPIOCON register.
The pin is referenced between IOVDD and DGND, as opposed to the AVDD1 and AVSS levels used by the
GPIO pins. The pin has an active pull-up in this case.
16
IOVDD
Digital I/O Supply Voltage. IOVDD voltage ranges from 2 V to 5 V. IOVDD is independent of AVDD2. For
example, IOVDD can be operated at 3 V when AVDD2 equals 5 V, or vice versa. If AVSS is set to −2.5 V, the
voltage on IOVDD must not exceed 3.6 V.
17
DGND
Digital Ground.
18
REGCAPD
Digital LDO Regulator Output. This pin is for decoupling purposes only. Decouple this pin to DGND using a
1 µF capacitor.
19
GPIO0
General-Purpose Input/Output. The pin is referenced between AVDD1 and AVSS levels.
20
GPIO1
General-Purpose Input/Output. The pin is referenced between AVDD1 and AVSS levels.
21
AIN0
Analog Input 0. Selectable through the crosspoint multiplexer.
22
AIN1
Analog Input 1. Selectable through the crosspoint multiplexer.
23
AIN2
Analog Input 2. Selectable through the crosspoint multiplexer.
24
AIN3
Analog Input 3. Selectable through the crosspoint multiplexer.


Podobny numer części - AD7176-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Podobny opis - AD7176-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com