Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5142BRUZ10-RL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD5142BRUZ10-RL7
Szczegółowy opis  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5142BRUZ10-RL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD5142BRUZ10-RL7 Datasheet HTML 3Page - Analog Devices AD5142BRUZ10-RL7 Datasheet HTML 4Page - Analog Devices AD5142BRUZ10-RL7 Datasheet HTML 5Page - Analog Devices AD5142BRUZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5142BRUZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5142BRUZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5142BRUZ10-RL7 Datasheet HTML 9Page - Analog Devices AD5142BRUZ10-RL7 Datasheet HTML 10Page - Analog Devices AD5142BRUZ10-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD5122/AD5142
Rev. 0 | Page 7 of 32
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
RESISTOR TERMINALS
Maximum Continuous Current
I
A, IB, and IW
R
AB = 10 kΩ
−6
+6
mA
R
AB = 100 kΩ
−1.5
+1.5
mA
Terminal Voltage Range5
V
SS
V
DD
V
Capacitance A, Capacitance B3
C
A, CB
f = 1 MHz, measured to GND,
code = half scale
R
AB = 10 kΩ
25
pF
R
AB = 100 kΩ
12
pF
Capacitance W3
C
W
f = 1 MHz, measured to GND,
code = half scale
R
AB = 10 kΩ
12
pF
R
AB = 100 kΩ
5
pF
Common-Mode Leakage Current3
V
A = VW = VB
−500
±15
+500
nA
DIGITAL INPUTS
Input Logic3
High
V
INH
V
LOGIC = 1.8 V to 2.3 V
0.8 × V
LOGIC
V
V
LOGIC = 2.3 V to 5.5 V
0.7 × V
LOGIC
V
Low
V
INL
0.2 × V
LOGIC
V
Input Hysteresis3
V
HYST
0.1 × V
LOGIC
V
Input Current3
I
IN
±1
µA
Input Capacitance3
C
IN
5
pF
DIGITAL OUTPUTS
Output High Voltage3
V
OH
R
PULL-UP = 2.2 kΩ to VLOGIC
V
LOGIC
V
Output Low Voltage3
V
OL
I
SINK = 3 mA
0.4
V
I
SINK = 6 mA, VLOGIC > 2.3 V
0.6
V
Three-State Leakage Current
−1
+1
µA
Three-State Output Capacitance
2
pF
POWER SUPPLIES
Single-Supply Power Range
V
SS = GND
2.3
5.5
V
Dual-Supply Power Range
±2.25
±2.75
V
Logic Supply Range
Single supply, V
SS = GND
1.8
V
DD
V
Dual supply, V
SS < GND
2.25
V
DD
V
Positive Supply Current
I
DD
V
IH = VLOGIC or VIL = GND
V
DD = 5.5 V
0.7
5.5
µA
V
DD = 2.3 V
400
nA
Negative Supply Current
I
SS
V
IH = VLOGIC or VIL = GND
−5.5
−0.7
µA
EEPROM Store Current3, 6
I
DD_EEPROM_STORE
V
IH = VLOGIC or VIL = GND
2
mA
EEPROM Read Current3, 7
I
DD_EEPROM_READ
V
IH = VLOGIC or VIL = GND
320
µA
Logic Supply Current
I
LOGIC
V
IH = VLOGIC or VIL = GND
1
120
nA
Power Dissipation8
P
DISS
V
IH = VLOGIC or VIL = GND
3.5
µW
Power Supply Rejection Ratio
PSRR
∆V
DD/∆VSS = VDD ± 10%,
code = full scale
−66
−60
dB


Podobny numer części - AD5142BRUZ10-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5142BRUZ10-RL7 AD-AD5142BRUZ10-RL7 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
More results

Podobny opis - AD5142BRUZ10-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5124 AD-AD5124 Datasheet
784Kb / 36P
   The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com