Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1955YRS Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD1955YRS
Szczegółowy opis  High Performance Multibit DAC with SACD Playback
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1955YRS Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD1955YRS Datasheet HTML 2Page - Analog Devices AD1955YRS Datasheet HTML 3Page - Analog Devices AD1955YRS Datasheet HTML 4Page - Analog Devices AD1955YRS Datasheet HTML 5Page - Analog Devices AD1955YRS Datasheet HTML 6Page - Analog Devices AD1955YRS Datasheet HTML 7Page - Analog Devices AD1955YRS Datasheet HTML 8Page - Analog Devices AD1955YRS Datasheet HTML 9Page - Analog Devices AD1955YRS Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AD1955
Rev. PrF
-7-
PRELIMINARY TECHNICAL DATA
Left and Right channel data are valid on rising edge of EF_BCLK. After LSB data is clocked in the AD1955, the falling edge of
EF_WCLK signal loads all of data and starts conversion. The mode can be set to Left or Right-justified. A burst mode BCLK is also
acceptable in Left-justified mode.
BC L K
LR C L K
S D AT A
M SB
MS B
L SB
L SB
LE F T C H A N N E L
R I G H T CH A N NE L
L E F T J U S T IF IE D M O D E - 1 6 T O 2 4 - B IT S P E R C H A N N E L
BC L K
LR C L K
S D AT A
M SB
MS B
LS B
L SB
LE F T C H A N N E L
R I G H T CH A N NE L
I2 S M O D E - 1 6 T O 2 4 - B I T S PE R C H A N N E L
BC L K
LR C L K
S D AT A
M SB
MS B
LS B
LS B
LE F T C H A N N E L
R I G H T CH A N NE L
R IG H T J U ST IF I E D M O D E - S EL EC T N U M BE R O F BIT S PER C H A N N EL
BC L K
LR C L K
S D AT A
M SB
MS B
LS B
L SB
DS P M O D E - 1 6 T O 2 4 - B I T S P E R CHA NNE L
NO T E S : 1 . DS P M O DE DO E S N'T ID E N T I F Y CHA NNE L
3 . BC L K F R EQ U E N C Y I S N O R M A L L Y 6 4 x L R C L K BU T M AY BE O PER A T ED I N BU R S T M O D E
2 . L R CL K NO RM A L L Y O P E R A T E S A T F s E X CE P T F O R DS P M O DE W H ICH IS 2 x F s
1/ F s
Figure 1. Supported Serial Data Formats
Figure 2. Serial Data Port Timing


Podobny numer części - AD1955YRS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1955ARS AD-AD1955ARS Datasheet
903Kb / 24P
   High Performance Multibit with SACD Playback
REV. 0
AD1955ARSRL AD-AD1955ARSRL Datasheet
903Kb / 24P
   High Performance Multibit with SACD Playback
REV. 0
AD1955ARSZ AD-AD1955ARSZ Datasheet
903Kb / 24P
   High Performance Multibit with SACD Playback
REV. 0
More results

Podobny opis - AD1955YRS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
EVAL-AD1955EB AD-EVAL-AD1955EB Datasheet
903Kb / 24P
   High Performance Multibit - DAC with SACD Playback
REV. 0
AD1955ARSZ AD-AD1955ARSZ Datasheet
903Kb / 24P
   High Performance Multibit with SACD Playback
REV. 0
AD1958 AD-AD1958 Datasheet
135Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959 Datasheet
107Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com