Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1202 Arkusz danych(PDF) 1 Page - Transcom, Inc.

Numer części TC1202
Szczegółowy opis  Super Low Noise GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1202 Arkusz danych(HTML) 1 Page - Transcom, Inc.

  TC1202 Datasheet HTML 1Page - Transcom, Inc. TC1202 Datasheet HTML 2Page - Transcom, Inc. TC1202 Datasheet HTML 3Page - Transcom, Inc. TC1202 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC1202
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
1 / 4
Super Low Noise GaAs FETs
FEATURES
!
Low Noise Figure: NF = 0.5 dB Typical at 12 GHz
PHOTO ENLARGEMENT
!
High Associated Gain: Ga = 12 dB Typical at 12 GHz
!
Lg = 0.25
µm, Wg = 300 µm
!
All-Gold Metallization for High Reliability
!
Tight Vp ranges control
!
High RF input power handling capability
!
100 % DC Tested
DESCRIPTION
The TC1202 is a GaAs Pseudomorphic High Electron Mobility Transistor (PHEMT) chip, which has very low
noise figure and high associated gain. The device can be used in circuits up to 30 GHz and suitable for low noise
application including a wide range of commercial and military applications. All devices are 100% DC tested to
assure consistent quality. All bond pads are gold plated for either thermo-compression or thermo-sonic wire
bonding.
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
Conditions
MIN
TYP
MAX
UNIT
NF
Noise Figure at VDS = 4 V, IDS = 25 mA, f
= 12GHz
0.5
0.7
dB
Ga
Associated Gain at VDS = 4 V, IDS = 25 mA, f
= 12GHz
11
12
dB
IDSS
Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V
90
mA
gm
Transconductance at VDS = 2 V, VGS = 0 V
100
mS
VP
Pinch-off Voltage at VDS = 2 V, ID = 0.6 mA
-1.0
Volts
BVDGO
Drain-Gate Breakdown Voltage at IDGO =0.15 mA
5
8
Volts
Rth
Thermal Resistance
120
°C/W
Note: * For the tight control of the pinch-off voltage . TC1202’s are divided into 3 groups:
(1) TC1202P0710 : Vp = -0.7V to -1.0V (2) TC1202P0811 : Vp = -0.8V to -1.1V (3) TC1202P0912 : Vp = -0.9V to -1.2V
In addition, the customers may specify their requirements.


Podobny numer części - TC1202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC1202 ETC2-TC1202 Datasheet
111Kb / 4P
   Super Low Noise GaAs FETs
More results

Podobny opis - TC1202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC1102 ETC2-TC1102 Datasheet
109Kb / 4P
   Super Low Noise GaAs FETs
TC1202 ETC2-TC1202 Datasheet
111Kb / 4P
   Super Low Noise GaAs FETs
logo
Transcom, Inc.
TC1102 TRANSCOM-TC1102 Datasheet
243Kb / 4P
   Super Low Noise GaAs FETs
logo
Mimix Broadband
CFB0103 MIMIX-CFB0103 Datasheet
1Mb / 3P
   Low-Noise GaAs FETs
CFA0103 MIMIX-CFA0103_06 Datasheet
987Kb / 2P
   Low Noise GaAs FETs
CFA0103 MIMIX-CFA0103 Datasheet
981Kb / 2P
   Low Noise GaAs FETs
CFB0103 MIMIX-CFB0103_06 Datasheet
654Kb / 2P
   Low Noise GaAs FETs
logo
List of Unclassifed Man...
CFA0103 ETC1-CFA0103 Datasheet
469Kb / 2P
   LOW-NOISE GaAs FETS
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com