Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES07D Arkusz danych(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Numer części ES07D
Szczegółowy opis  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Strona internetowa  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ES07D Arkusz danych(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ES07D Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ES07D Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ES07D Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Unit
Cj
pF
NOTES: 4.Pulse test:300
µs pulse width,1% duty cycle.
5.Measured at 1.0MHz and applied average voltage of 4.0V DC.
forward voltage at 1.0A
Maximum DC reverse current @TA=25℃
at rated DC blockjing voltage @TA=125℃
µA
V
IR
Typical junction capacitance (NOTE 5)
VF
Parameter
Maximum instantaneous (NOTE 4)
-
Min
-
-
-
-
-
4-
100
0.98
Max.
10
Typ.
-
ES07B-ES07D
Surface Mount Rectifiers


Podobny numer części - ES07D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
ES07D GE-ES07D Datasheet
30Kb / 1P
   Small Surface Mount Ultrafast Rectifiers
logo
Galaxy Semi-Conductor H...
ES07D BILIN-ES07D Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
ES07D VISHAY-ES07D Datasheet
137Kb / 6P
   Small Surface Mount Ultrafast Diodes
Rev. 1.7, 13-Apr-05
ES07D VISHAY-ES07D Datasheet
80Kb / 5P
   Small Surface Mount Ultrafast Diodes
Rev. 1.9, 20-Aug-10
logo
Shenzhen Taychipst Elec...
ES07D TAYCHIPST-ES07D Datasheet
1Mb / 2P
   Small Surface Mount Ultrafast Diodes
More results

Podobny opis - ES07D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com