Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD260BND-3 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD260BND-3
Szczegółowy opis  High Speed, Logic Isolator with Power Transformer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD260BND-3 Arkusz danych(HTML) 4 Page - Analog Devices

  AD260BND-3 Datasheet HTML 1Page - Analog Devices AD260BND-3 Datasheet HTML 2Page - Analog Devices AD260BND-3 Datasheet HTML 3Page - Analog Devices AD260BND-3 Datasheet HTML 4Page - Analog Devices AD260BND-3 Datasheet HTML 5Page - Analog Devices AD260BND-3 Datasheet HTML 6Page - Analog Devices AD260BND-3 Datasheet HTML 7Page - Analog Devices AD260BND-3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD260
–4–
REV. 0
AD260BND-0
S0
1
F3 21
SYSTEM
FIELD
+5Vdc
5Vdc RTN
DRIVE
+5Vdc
5Vdc RTN
17V p-p OUT
CT OUT
17V p-p OUT
S1
2
S2
3
S3
S4
DRVA
F0
F1
F2
F4
19
20
22
15
16
18
6
7
8
4
5
AD260-0
+5V
DRVCT
DRIVE
DRVB
TR
IST
ATE
LATCH
E
D
LINE 2 – OUT
TR
IST
ATE
LATCH
E
D
LINE 1 – OUT
TR
IS
TA
TE
LATCH
E
TR
IST
ATE
D
LINE 0 – OUT
13
14
9
12
10
11
+5VdcFLD
5V RTNFLD
ENABLEFLD
PWRAFLD
PWRCTFLD
PWRBFLD
5V RTNSYS
+5VdcSYS
ENABLESYS
17
TR
IST
ATE
LATCH
E
D
LINE 4 – OUT
TR
IST
ATE
LATCH
E
D
LINE 3 – OUT
AD260BND-1
S0
1
F3 21
SYSTEM
FIELD
+5Vdc
5Vdc RTN
DRIVE
+5Vdc
5Vdc RTN
17V p-p OUT
CT OUT
17V p-p OUT
S1
2
S2
3
S3
S4
DRVA
F0
F1
F2
F4
19
20
22
15
16
18
6
7
8
4
5
AD260-1
+5V
DRVCT
DRIVE
DRVB
TRISTATE
LATCH
E
D
TRISTATE
LATCH
E
D
TRISTATE
LATCH
E
TRISTATE
D
LINE 0 – OUT
13
14
9
12
10
11
LATCH
D
E
TRISTATE
+5VdcFLD
5V RTNFLD
ENABLEFLD
PWRAFLD
PWRCTFLD
PWRBFLD
5V RTNSYS
+5VdcSYS
ENABLESYS
17
TRISTATE
LATCH
E
D
LINE 1 – OUT
LINE 2 – OUT
LINE 3 – OUT
LINE 4 – IN
PIN CONFIGURATIONS
AD260BND-2
S0
1
F3 21
SYSTEM
FIELD
+5Vdc
5Vdc RTN
DRIVE
+5Vdc
5Vdc RTN
17V p-p OUT
CT OUT
17V p-p OUT
S1
2
S2
3
S3
S4
DRVA
F0
F1
F2
F4
19
20
22
15
16
18
6
7
8
4
5
AD260-2
+5V
DRVCT
DRIVE
DRVB
TR
ISTATE
LATCH
E
D
LINE 2 – OUT
TR
ISTA
TE
LATCH
E
D
LINE 1 – OUT
TRIS
TATE
LATCH
E
TRISTA
TE
D
LINE 0 – OUT
13
14
9
12
10
11
LATCH
D
E
LINE 4 – IN
TRISTA
TE
LATCH
D
E
LINE 3 – IN
TR
ISTATE
+5VdcFLD
5V RTNFLD
ENABLEFLD
PWRAFLD
PWRCTFLD
PWRBFLD
5V RTNSYS
+5VdcSYS
ENABLESYS
17
AD260BND-3
S0
1
F3 21
SYSTEM
FIELD
+5Vdc
5Vdc RTN
DRIVE
+5Vdc
5Vdc RTN
17V p-p OUT
CT OUT
17V p-p OUT
S1
2
S2
S3
S4
DRVA
F0
F1
F2
F4
19
20
22
15
16
18
6
7
8
4
5
AD260-3
+5V
DRVCT
DRIVE
DRVB
TRISTATE
LATCH
E
D
TRISTATE
LATCH
E
TRISTATE
D
LINE 0 – OUT
13
14
9
12
10
11
LATCH
D
E
TRISTATE
LATCH
D
E
TRISTATE
+5VdcFLD
5V RTNFLD
ENABLEFLD
PWRAFLD
PWRCTFLD
PWRBFLD
5V RTNSYS
+5VdcSYS
ENABLESYS
17
3
LATCH
D
E
TRISTATE
LINE 1 – OUT
LINE 2 – IN
LINE 3 – IN
LINE 4 – IN


Podobny numer części - AD260BND-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD261 AD-AD261 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
AD261AND-0 AD-AD261AND-0 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
AD261AND-1 AD-AD261AND-1 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
AD261AND-2 AD-AD261AND-2 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
AD261AND-3 AD-AD261AND-3 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
More results

Podobny opis - AD260BND-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD261 AD-AD261 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
logo
List of Unclassifed Man...
ICPL2611 ETC-ICPL2611 Datasheet
78Kb / 4P
   HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Bedford Opto Technology...
OPI2000MK BOT-OPI2000MK Datasheet
133Kb / 2P
   High Speed Opto Isolator
OPI2000 BOT-OPI2000 Datasheet
37Kb / 3P
   High Speed Opto Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
   High Speed Dual Digital Isolator
ICPL2631 ETC-ICPL2631 Datasheet
68Kb / 4P
   DUAL CHANNEL, HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
logo
OPTEK Technologies
OPI1266 OPTEK-OPI1266 Datasheet
230Kb / 2P
   HIGH SPEED VERY HIGH VOLTAGE ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com