Zakładka z wyszukiwarką danych komponentów |
|
AD2S99BP Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD2S99BP Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 8 page AD2S99–SPECIFICATIONS Parameter Min Typ Max Units Test Conditions FREQUENCY OUTPUT RANGE SEL1 SEL2 2 kHz 2000 Hz VSS VSS 5 kHz 5000 Hz VSS GND 10 kHz 10000 Hz GND VSS 20 kHz 20000 Hz GND GND ACCURACY Frequency ±10 % AP Grade @ +25 °C ±20 % AP Grade –40 °C to +85°C ±5 % BP Grade @ +25 °C ±10 % BP Grade –40 °C to +85°C Amplitude ±3 ±10 % AP Grade @ +25 °C ±20 % AP Grade –40 °C to +85°C ±3 ±5 % BP Grade @ +25 °C ±10 % BP Grade –40 °C to +85°C Power Supply Rejection Ratio 0.002 V p-p/V Output Variation as Function of Change in Power Supply Voltage ANALOG OUTPUTS Amplitude EXC, EXC 2 V rms EXC to GND, EXC to GND SYNREF ±3 V p-p Square Wave SYNREF OFFSET ±200 mV Current Drive Capability EXC, EXC VS = ± 5 V 8 mA rms RLOAD = 500 Ω EXC to EXC CLOAD = 1000 pF Capacitive Drive 1000 pF Total Harmonic Distortion EXC, EXC –25 dB ANALOG INPUTS SIN, COS Amplitude 1.8 2.0 2.2 V rms Phase Lock Range –45 +45 Degrees Additional Phase Delay ±10 Degrees AP Grade ±10 Degrees BP Grade FREQUENCY SELECT INPUTS SEL1, SEL2 1 VSS AGND V dc LOS OUTPUT Output Low Voltage 0.7 V dc IOL = 400 µA Output High Voltage VDD V dc 50 k Ω Pull Up to V DD (Open Drain Output) SIN, COS LOS Threshold 0.5 0.6 0.8 V rms POWER SUPPLIES VDD +4.75 +5.25 V dc VSS –4.75 –5.25 V dc Quiescent Current IDD, ISS ±8 ±15 mA No Load TEMPERATURE RANGE Operating –40 +85 °C Storage –65 +150 °C NOTES 1Frequency select pins SEL1 and SEL2 must be connected to appropriate voltage levels before power is applied. Specifications subject to change without notice. REV. B –2– (VS = 4.75 V to 5.25 V @ –40 C to +85 C unless otherwise noted) |
Podobny numer części - AD2S99BP |
|
Podobny opis - AD2S99BP |