Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD534LH Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD534LH
Szczegółowy opis  Internally Trimmed Precision IC Multiplier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD534LH Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD534LH Datasheet HTML 4Page - Analog Devices AD534LH Datasheet HTML 5Page - Analog Devices AD534LH Datasheet HTML 6Page - Analog Devices AD534LH Datasheet HTML 7Page - Analog Devices AD534LH Datasheet HTML 8Page - Analog Devices AD534LH Datasheet HTML 9Page - Analog Devices AD534LH Datasheet HTML 10Page - Analog Devices AD534LH Datasheet HTML 11Page - Analog Devices AD534LH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD534–Typical Performance Curves
–10–
(typical at +25 C, with VS =
15 V dc, unless otherwise noted)
100
10
1
FREQUENCY – Hz
0.1
Y-FEEDTHROUGH
X-FEEDTHROUGH
1000
10
100
1k
10k
100k
1M
10M
Figure 19. AC Feedthrough vs. Frequency
1.5
1
0.5
FREQUENCY – Hz
0
SCALING VOLTAGE = 10V
SCALING VOLTAGE = 3V
10
100
1k
10k
100k
Figure 20. Noise Spectral Density vs. Frequency
100
90
80
70
60
50
2.5
5
7.5
10
SCALING VOLTAGE, SF – Volts
CONDITIONS:
10Hz – 10kHz BANDWIDTH
Figure 21. Wideband Noise vs. Scaling Voltage
14
12
10
8
6
4
8
10
12
14
16
18
20
POSITIVE OR NEGATIVE SUPPLY – Volts
OUTPUT, RL
2k
ALL INPUTS, SF = 10V
Figure 16. Input/Output Signal Range vs. Supply Voltages
800
700
600
500
400
300
200
100
–60 –40
–20
0
20
40
60
80
100
120
140
TEMPERATURE – C
0
SCALING VOLTAGE = 10V
SCALING VOLTAGE = 3V
Figure 17. Bias Currents vs. Temperature
(X, Y or Z Inputs)
90
80
70
60
50
30
20
10
FREQUENCY – Hz
40
0
TYPICAL FOR
ALL INPUTS
100
1k
10k
100k
1M
Figure 18. Common-Mode Rejection Ratio vs. Frequency


Podobny numer części - AD534LH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD534LH AD-AD534LH Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534LHZ AD-AD534LHZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
More results

Podobny opis - AD534LH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com