Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM10E-4809SZ Arkusz danych(PDF) 4 Page - AIMTEC

Numer części AM10E-4809SZ
Szczegółowy opis  10 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10E-4809SZ Arkusz danych(HTML) 4 Page - AIMTEC

  AM10E-4809SZ Datasheet HTML 1Page - AIMTEC AM10E-4809SZ Datasheet HTML 2Page - AIMTEC AM10E-4809SZ Datasheet HTML 3Page - AIMTEC AM10E-4809SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM10E-Z
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
4 of 4
North America only
Dimensions
Derating - 5Vin Model
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
Free Air Convection
65ºC
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Notes:
All dimensions are typical
in millimeters (inches).
Tolerance ±0.25 (±0.01)
1
2
3
4
5
Bottom View
DIA
1.00
(0.04)
20.32
(0.80)
15.24
(0.60)
15.24
(0.60)
50.80
(2.00)
Built-in Stand-offs to
ease PCB cleaning


Podobny numer części - AM10E-4809SZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM10E-4809S AIMTEC-AM10E-4809S Datasheet
264Kb / 3P
   10 watt dc-dc converters
More results

Podobny opis - AM10E-4809SZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com