Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM15T-4805DZ Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AM15T-4805DZ
Szczegółowy opis  15Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15T-4805DZ Arkusz danych(HTML) 1 Page - AIMTEC

  AM15T-4805DZ Datasheet HTML 1Page - AIMTEC AM15T-4805DZ Datasheet HTML 2Page - AIMTEC AM15T-4805DZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM15T-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 3
North America only
FEATURES:
Wide Input Range 2:1
No Minimum Load Required
1600 Vdc Isolation
-40ºC to +85ºC Operating Temperature Range
Efficiency up to 91%
Short Circuit & Over Voltage Protection
Soft Start
DIP 24 Package
Remote On/Off Function
Low No Load Input Current
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Maximum
Capacitive load
(µF)
Efficiency
(%)
AM15T-1203SZ
9-18
3.3
4000
1600
4700
86
AM15T-12051SZ
9-18
5.1
3000
1600
3300
89
AM15T-1212SZ
9-18
12
1250
1600
600
89
AM15T-1215SZ
9-18
15
1000
1600
400
90
AM15T-2403SZ
18-36
3.3
4000
1600
4700
87
AM15T-24051SZ
18-36
5.1
3000
1600
3300
89
AM15T-2412SZ
18-36
12
1250
1600
600
90
AM15T-2415SZ
18-36
15
1000
1600
400
91
AM15T-4803SZ
36-75
3.3
4000
1600
4700
86
AM15T-48051SZ
36-75
5.1
3000
1600
3300
88
AM15T-4812SZ
36-75
12
1250
1600
600
89
AM15T-4815SZ
36-75
15
1000
1600
400
89
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Maximum
Capacitive load
(µF)
Efficiency
(%)
AM15T-1205DZ
9-18
±5
±1500
1600
±1500
86
AM15T-1212DZ
9-18
±12
±625
1600
±288
90
AM15T-1215DZ
9-18
±15
±500
1600
±200
90
AM15T-2405DZ
18-36
±5
±1500
1600
±1500
86
AM15T-2412DZ
18-36
±12
±625
1600
±288
90
AM15T-2415DZ
18-36
±15
±500
1600
±200
90
AM15T-4805DZ
36-75
±5
±1500
1600
±1500
86
AM15T-4812DZ
36-75
±12
±625
1600
±288
89
AM15T-4815DZ
36-75
±15
±500
1600
±200
90
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-48
Filter
π (Pi) Network
Turn on Transient process time
250
µs
Transient response deviation
±3
%
Start up time
Nominal Vin and constant resistive load
20
ms
Absolute Maximum Rating
12 Vin models
-0.7-36
VDC
24 Vin models
-0.7-50
48 Vin models
-0.7-100


Podobny numer części - AM15T-4805DZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
   15Watt | DC-DC Converter
More results

Podobny opis - AM15T-4805DZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_12 Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
AIMTEC
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z Datasheet
332Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_12 Datasheet
308Kb / 4P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
   15Watt - AC-DC converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com