Zakładka z wyszukiwarką danych komponentów |
|
AM15E-4815DZ Arkusz danych(PDF) 2 Page - AIMTEC |
|
AM15E-4815DZ Arkusz danych(HTML) 2 Page - AIMTEC |
2 / 4 page Series AM15E-Z 15 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.D 2 of 4 North America only Models Dual output (continued) Model Input Voltage (V) Output Voltage (V) Output Current max (A) Capacitive load, max (µF) Efficiency (%) AM15E-2412DZ 18-36 ±12 ±0.62 ±470 86 AM15E-2415DZ 18-36 ±15 ±0.5 ±330 87 AM15E-2418DZ 18-36 ±18 ±0.4 ±220 82 AM15E-2424DZ 18-36 ±24 ±0.31 ±220 86 AM15E-4803DZ 36-72 ±3.3 ±2 ±1000 80 AM15E-4805DZ 36-72 ±5 ±1.5 ±1000 85 AM15E-4807DZ 36-72 ±7.2 ±1 ±680 85 AM15E-4809DZ 36-72 ±9 ±0.83 ±470 85 AM15E-4812DZ 36-72 ±12 ±0.62 ±470 86 AM15E-4815DZ 36-72 ±15 ±0.5 ±330 85 AM15E-4818DZ 36-72 ±18 ±0.4 ±220 84 AM15E-4824DZ 36-72 ±24 ±0.31 ±220 85 NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Input Specifications Parameters Nominal Typical Maximum Units Voltage range 12 9-18 VDC 24 18-36 48 36-72 Filter π (Pi) Network Start up time 20 ms Absolute Maximum Rating 12 Vin -0.7-24 VDC 24 Vin -0.7-40 48 Vin -0.7-80 Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1500 VDC Resistance > 1000 MOhm Capacitance 470 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Voltage balance (Dual output model) Balanced load ±1 % Short Circuit protection Continuous Short circuit restart Auto Recovery Current limiting 120 % Line voltage regulation (Single) HL-LL ±0.5 % Line voltage regulation (Dual) HL-LL ±0.5 % Load voltage regulation (Single) 10-100% load ±0.5 % Load voltage regulation (Dual) 10-100% load ±0.5 % Temperature coefficient ±0.02 %/ oC Ripple & Noise At 20MHz Bandwidth 100 mV p-p Rising time 10 ms |
Podobny numer części - AM15E-4815DZ |
|
Podobny opis - AM15E-4815DZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |