Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744842311 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744842311
Szczegółowy opis  COMMON MODE CHOKE WE-CMB "NiZn"||" "481224
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744842311 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744842311 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744842311 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bezeichnung :
description :
S
A
18,5 max
mm
B
14,5 max
mm
C
7,7 ± 0,5
mm
D
5,0 ± 0,5
mm
E
22,0 max.
mm
F
3,5 ± 0,5
mm
ø
1,0 typ.
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Nennspannung /
rated voltage
33%
+25°C
1500 V, 50 Hz
5mA, 2 sec.
Name
Änderung / modification
Datum / date
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Freigabe erteilt / general release:
Kunde / customer
Abstandhalter / spacer:
UL94V-0
Würth Elektronik
..................................................................................
G Eigenschaften / general specifications:
Sockel / base:
Draht / wire:
UL94V-0
F Werkstoffe & Zulassungen / material & approvals:
UL94V-2
Prüfspannung / testing voltage
HP 34401 A für/for IN
Umgebungstemperatur / temperature:
LO
110,00
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
@ 20 °C
@ 70 °C
V
Ω
http://www.we-online.com
Datum / date
.............................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
.............................................................................
.............................................................
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2008-08-24
±10%
A
Testbedingungen / test
conditions
3,00
0,031
±30%
C Schaltbild / schematic:
Kleber / glue:
Class F
Betriebstemp. / operating temperature:
-25°C - + 125°C
Übertemperatur / temperature rise:
< 55 K
744842311
Klimabeständigkeit/ climatic class:
40/125/21
B Elektrische Eigenschaften / electrical properties:
250
50 Hz
µH
RDC
A Mechanische Abmessungen / dimensions:
100 kHz / 0,1 mA / 20°C
Kunde / customer :
STROMKOMP. DROSSEL WE-CMB "NiZn"
COMMON MODE CHOKE WE-CMB "NiZn"
Artikelnummer / part number :
WAYNE KERR WK3260B/WK3265 für/for L0 und/and RDC
UN
IN
Luftfeuchtigkeit / humidity:
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for sa
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
1
2
N1
3
4
N2
A
C
ø
D
SEITE 1 VON 2


Podobny numer części - 744842311

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7448421016 WURTH-7448421016 Datasheet
82Kb / 2P
   COMMON MODE CHOKE WE-CMB "NiZn"||" "499794
High current socket with PCB connection
744842565 WURTH-744842565 Datasheet
82Kb / 2P
   COMMON MODE CHOKE WE-CMB "NiZn"||" "481257
D Core Chokes
744842632 WURTH-744842632 Datasheet
1Mb / 8P
   WE-CMB NiZn Common Mode Power Line Choke
001.002
744842742 WURTH-744842742 Datasheet
82Kb / 2P
   COMMON MODE CHOKE WE-CMB "NiZn"||" "481260
PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
744842816 WURTH-744842816 Datasheet
953Kb / 6P
   WE-CMB NiZn Common Mode Power Line Choke
001.001
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com