Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744870470 Arkusz danych(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744870470
Szczegółowy opis  POWER-CHOKE WE-DD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744870470 Arkusz danych(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744870470 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744870470 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744870470 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
12,5 ± 0,1
mm
B
16,0 ± 0,1
mm
C
24,0 ± 0,3
mm
+ 0,1
- 0,0
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
12,6 ± 0,1
mm
J
8,50 ± 0,1
mm
T
0,40 ± 0,05
mm
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
SST
05-03-29
MST
04-10-11
SST
04-09-15
SST
04-03-09
AG
03-10-31
Name
Datum / date
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Unterschrift / signature
mm
1,50
D
DOPPELDROSSEL WE-DD
POWER-CHOKE WE-DD
DATUM / DATE : 2005-03-29
Artikelnummer / part number :
744870470
Spezifikation für Freigabe / specification for release
Kunde / customer :
Änderung / modification
Version 1
Version 3
Version 4
Version 5
Version 6
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as
aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.
where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It is essential to
give consideration when to install a protective circuit at the design stage.
RoHS
compliant
LF
F
E
øD
A
B
C
H
G
I
T
J
Ø c
a
d
b
SEITE 3 VON 3


Podobny numer części - 744870470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744870471 WURTH-744870471 Datasheet
893Kb / 7P
   WE-DD SMT Shielded Coupled Inductor
002.000
More results

Podobny opis - 744870470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744878006 WURTH-744878006 Datasheet
148Kb / 3P
   POWER-CHOKE WE-DD
744874001 WURTH-744874001 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744874003 WURTH-744874003 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744874100 WURTH-744874100 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744870004 WURTH-744870004 Datasheet
133Kb / 3P
   POWER-CHOKE WE-DD
744870100 WURTH-744870100 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744870221 WURTH-744870221 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
7448700015 WURTH-7448700015 Datasheet
90Kb / 3P
   POWER-CHOKE WE-DD
7448709330 WURTH-7448709330 Datasheet
52Kb / 3P
   POWER-CHOKE WE-DD
744878100 WURTH-744878100 Datasheet
150Kb / 3P
   POWER-CHOKE WE-DD
744877008 WURTH-744877008 Datasheet
162Kb / 3P
   POWER-CHOKE WE-DD
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com