Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7225KR Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7225KR
Szczegółowy opis  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7225KR Arkusz danych(HTML) 1 Page - Analog Devices

  AD7225KR Datasheet HTML 1Page - Analog Devices AD7225KR Datasheet HTML 2Page - Analog Devices AD7225KR Datasheet HTML 3Page - Analog Devices AD7225KR Datasheet HTML 4Page - Analog Devices AD7225KR Datasheet HTML 5Page - Analog Devices AD7225KR Datasheet HTML 6Page - Analog Devices AD7225KR Datasheet HTML 7Page - Analog Devices AD7225KR Datasheet HTML 8Page - Analog Devices AD7225KR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS Quad 8-Bit DAC
with Separate Reference Inputs
AD7225
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AD7225 contains four 8-bit voltage output digital-to-
analog converters, with output buffer amplifiers and interface
logic on a single monolithic chip. Each D/A converter has a
separate reference input terminal. No external trims are re-
quired to achieve full specified performance for the part.
The double-buffered interface logic consists of two 8-bit regis-
ters per channel–an input register and a DAC register. Control
inputs A0 and A1 determine which input register is loaded when
WR
goes low. Only the data held in the DAC registers deter-
mines the analog outputs of the converters. The double-
buffering allows simultaneous update of all four outputs under
control of LDAC. All logic inputs are TTL and CMOS (5 V)
level compatible and the control logic is speed compatible with
most 8-bit microprocessors.
Specified performance is guaranteed for input reference voltages
from +2 V to +12.5 V when using dual supplies. The part is also
specified for single supply operation using a reference of +10 V.
Each output buffer amplifier is capable of developing +10 V
across a 2 k
Ω load.
The AD7225 is fabricated on an all ion-implanted high-speed
Linear Compatible CMOS (LC
2MOS) process which has been
specifically developed to integrate high speed digital logic cir-
cuits and precision analog circuitry on the same chip.
FEATURES
Four 8-Bit DACs with Output Amplifiers
Separate Reference Input for Each DAC
P Compatible with Double-Buffered Inputs
Simultaneous Update of All Four Outputs
Operates with Single or Dual Supplies
Extended Temperature Range Operation
No User Trims Required
Skinny 24-Pin DIP, SOIC and 28-Terminal Surface
Mount Packages
PRODUCT HIGHLIGHTS
1. DACs and Amplifiers on CMOS Chip
The single-chip design of four 8-bit DACs and amplifiers al-
lows a dramatic reduction in board space requirements and
offers increased reliability in systems using multiple convert-
ers. Its pinout is aimed at optimizing board layout with all
analog inputs and outputs at one end of the package and all
digital inputs at the other.
2. Single or Dual Supply Operation
The voltage-mode configuration of the AD7225 allows single
supply operation. The part can also be operated with dual
supplies giving enhanced performance for some parameters.
3. Versatile Interface Logic
The AD7225 has a common 8-bit data bus with individual
DAC latches, providing a versatile control architecture for
simple interface to microprocessors. The double-buffered in-
terface allows simultaneous update of the four outputs.
4. Separate Reference Input for Each DAC
The AD7225 offers great flexibility in dealing with input sig-
nals with a separate reference input provided for each DAC
and each reference having variable input voltage capability.


Podobny numer części - AD7225KR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225KR AD-AD7225KR Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KR-REEL AD-AD7225KR-REEL Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KRZ AD-AD7225KRZ Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KRZ-REEL AD-AD7225KRZ-REEL Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
More results

Podobny opis - AD7225KR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225LNZ AD-AD7225LNZ Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com