Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7225KR Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7225KR
Szczegółowy opis  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7225KR Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7225KR Datasheet HTML 4Page - Analog Devices AD7225KR Datasheet HTML 5Page - Analog Devices AD7225KR Datasheet HTML 6Page - Analog Devices AD7225KR Datasheet HTML 7Page - Analog Devices AD7225KR Datasheet HTML 8Page - Analog Devices AD7225KR Datasheet HTML 9Page - Analog Devices AD7225KR Datasheet HTML 10Page - Analog Devices AD7225KR Datasheet HTML 11Page - Analog Devices AD7225KR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7225
REV. B
–10–
FILTER
I/P
I/P
SAMPLES
Am29520
TLD
AD7820
ADC
SAMPLES
AD7225
QUAD DAC
DELAYED
I/P
AD7226
QUAD DAC
VREF A
h1
h2
VOUT A
VOUT A
VOUT B
VOUT C
VOUT D
ACCUMULATOR
O/P
AD585
SHA
FILTER
O/P
TAP WEIGHTS
Am7224
DAC
AD584
REF
GAIN SET
+10V
VOUT
VREF
VREF
+
T
T
T
1
234
h4
h3
h2
h1
+
FILTER
O/P
Yn
FILTER
I/P
Xn–1
Xn–2
Xn
Xn–3
VREF A
h3
VOUT A
VREF A
h4
VOUT A
VREF A
VOUT A
Figure 18. Programmable Transversal Filter
A 4-tap programmable transversal filter may be implemented
using the AD7225 (Figure 18). The input signal is first sampled
and converted to allow the tapped delay line function to be pro-
vided by the Am29520. The multiplication of delayed input
samples by fixed, programmable up weights is accomplished by
the AD7225, the four coefficients or reference inputs being set
by the digital codes stored in the AD7226. The resultant prod-
ucts are accumulated to yield the convolution sum output
sample which is held by the AD585.
0
–100
0.5
–70
–90
0.05
–80
0
–40
–60
–50
–30
–20
–10
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
NORMALIZED FREQUENCY – f/fs
h1 = 0.117
h2 = 0.417
h3 = 0.417
h4 = 0.417
Figure 19. Predicted (Theoretical) Response
Figure 20. Actual Response
Low pass, bandpass and high pass filters may be synthesized us-
ing this arrangement. The particular up weights needed for any
desired transfer function may be obtained using the standard
Remez Exchange Algorithm. Figure 19 shows the theoretical
low pass frequency response produced by a 4-tap transversal
filter with the coefficients indicated. Although the theoretical
prediction does not take into account the quantization of the in-
put samples and the truncation of the coefficients, nevertheless,
there exists a good correlation with the actual performance of
the transversal filter (Figure 20).
DIGITAL WORD MULTIPLICATION
Since each DAC of the AD7225 has a separate reference input,
the output of one DAC can be used as the reference input for
another. This means that multiplication of digital words can be
performed (with the result given in analog form). For example,
if the output from DACA is applied to VREF B then the output
from DACB, VOUT B, can be expressed as:
VOUT B = DA • DB • VREF A
where DA and DB are the fractional representations of the
digital words in DAC latches A and B respectively.
If DA = DB = D then the result is D
2 • V
REF A
In this manner, the four DACs can be used on their own or in
conjunction with an external summing amplifier to generate
complex waveforms. Figure 21 shows one such application. In
this case the output waveform, Y, is represented by:
Y = –(x
4 + 2x3 + 3x2 + 2x + 4) • V
IN
where x is the digital code which is applied to all four DAC
latches.
V
OUT A
V
OUT B
V
OUT C
V
OUT D
V
REF A
V
REF B
V
REF C
V
REF D
+15V
V
DD
AD7225*
DGND
AGND
V
SS
V
IN
25k
50k
33k
50k
100k
100k
Y
*DIGITAL INPUTS OMITTED
FOR CLARITY
Figure 21. Complex Waveform Generation


Podobny numer części - AD7225KR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225KR AD-AD7225KR Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KR-REEL AD-AD7225KR-REEL Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KRZ AD-AD7225KRZ Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KRZ-REEL AD-AD7225KRZ-REEL Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
More results

Podobny opis - AD7225KR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225LNZ AD-AD7225LNZ Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com