Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7245ABR Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7245ABR
Szczegółowy opis  LC2MOS 12-Bit DACPORTs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7245ABR Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7245ABR Datasheet HTML 6Page - Analog Devices AD7245ABR Datasheet HTML 7Page - Analog Devices AD7245ABR Datasheet HTML 8Page - Analog Devices AD7245ABR Datasheet HTML 9Page - Analog Devices AD7245ABR Datasheet HTML 10Page - Analog Devices AD7245ABR Datasheet HTML 11Page - Analog Devices AD7245ABR Datasheet HTML 12Page - Analog Devices AD7245ABR Datasheet HTML 13Page - Analog Devices AD7245ABR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7245A/AD7248A
REV. A
–10–
the simultaneous updating of multiple AD7248A outputs. How-
ever, in systems where the asynchronous LDAC can occur dur-
ing a write cycle (or vice versa) care must be taken to ensure
that incorrect data is not latched through to the output. In other
words, if LDAC goes low while WR and either CS input are low
(or WR and either CS go low while LDAC is low), then the
LDAC
signal must stay low for t7 or longer after WR returns
high to ensure correct data is latched through to the output.
The write cycle timing diagram for the AD7248A is shown in
Figure 7.
Figure 7. AD7248A Write Cycle Timing Diagram
An alternate scheme for writing data to the AD7248A is to tie
the CSMSB and LDAC inputs together. In this case exercising
CSLSB
and WR latches the lower 8 bits into the input latch.
The second write, which exercises CSMSB, WR and LDAC
loads the upper 4-bit nibble to the input latch and at the same
time transfers the 12-bit data to the DAC latch. This automatic
transfer mode updates the output of the AD7248A in two write
operations. This scheme works equally well for CSLSB and
LDAC
tied together provided the upper 4-bit nibble is loaded to
the input latch followed by a write to the lower 8 bits of the in-
put latch.
Table II. AD7248A Truth Table
CSLSB CSMSB WR
LDAC
Function
L
H
L
H
I.oad LS Byte into Input Latch
LH
g
H
Latches LS Byte into Input Latch
g
H
L
H
Latches LS Byte into Input Latch
H
L
L
H
Loads MS Nibble into Input Latch
HL
g
H
Latches MS Nibble into Input Latch
H
g
L
H
Latches MS Nibble into Input Latch
H
H
H
L
Loads Input Latch into DAC Latch
HH
H
g
Latches Input Latch into DAC Latch
H
L
L
L
Loads MS Nibble into Input Latch and
Loads Input Latch into DAC Latch
H
H
H
H
No Data Transfer Operation
H = High State L = Low State
APPLYING THE AD7245A/AD7248A
The internal scaling resistors provided on the AD7245A/
AD7248A allow several output voltage ranges. The part can
produce unipolar output ranges of 0 V to +5 V or 0 V to +10 V
and a bipolar output range of –5 V to +5 V. Connections for the
various ranges are outlined below.
UNIPOLAR (0 V TO +10 V) CONFIGURATION
The first of the configurations provides an output voltage range
of 0 V to +10 V. This is achieved by connecting the bipolar off-
set resistor, ROFS, to AGND and connecting RFB to VOUT. In
this configuration the AD7245A/AD7248A can be operated
single supply (VSS = 0 V = AGND). If dual supply performance
is required, a VSS of –12 V to –15 V should be applied. Figure 8
shows the connection diagram for unipolar operation while the
table for output voltage versus the digital code in the DAC latch
is shown in Table III.
Figure 8. Unipolar (0 to +10 V) Configuration
Table III. Unipolar Code Table (0 V to +10 V Range)
DAC Latch Contents
MSB
LSB
Analog Output, VOUT
1 1 1 1
1 1 1 1
1 1 1 1
+2 VREF
4095
4096


1 0 0 0
0 0 0 0
0 0 0 1
+2 VREF
2049
4096


1 0 0 0
0 0 0 0
0 0 0 0
+2 VREF
2048
4096


=+V
REF
0 1 1 1
1 1 1 1
1 1 1 1
+2 VREF
2047
4096


0 0 0 0
0 0 0 0
0 0 0 1
+2 VREF
1
4096


0 0 0 0
0 0 0 0
0 0 0 0
0 V
NOTE:
1 LSB = 2
VREF(2
–12) = V
REF
1
2048


UNIPOLAR (0 V TO +5 V) CONFIGURATION
The 0 V to +5 V output voltage range is achieved by tying ROFS,
RFB and VOUT together. For this output range the AD7245A/
AD7248A can be operated single supply (VSS = 0 V) or dual
supply. The table for output voltage versus digital code is as in
Table III, with 2 • VREF replaced by VREF. Note that for this
range
1 LSB = VREF(2
–12) = V
REF
1
4096


.


Podobny numer części - AD7245ABR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7245ABR AD-AD7245ABR Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245ABR AD-AD7245ABR Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245ABR AD-AD7245ABR Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results

Podobny opis - AD7245ABR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com