Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP060T-70 Arkusz danych(PDF) 1 Page - BeRex Corporation

Numer części BCP060T-70
Szczegółowy opis  HIGH EFFICIENCY HETEROJUNCTION POWER FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEREX [BeRex Corporation]
Strona internetowa  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060T-70 Arkusz danych(HTML) 1 Page - BeRex Corporation

  BCP060T-70 Datasheet HTML 1Page - BeRex Corporation BCP060T-70 Datasheet HTML 2Page - BeRex Corporation BCP060T-70 Datasheet HTML 3Page - BeRex Corporation BCP060T-70 Datasheet HTML 4Page - BeRex Corporation BCP060T-70 Datasheet HTML 5Page - BeRex Corporation BCP060T-70 Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 tel. (408) 452-5595
September 2012
Specifications are subject to change without notice. ©BeRex 2012
Rev. A
BCP060T-70
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25µm x 600µm gate)
The BeRex BCP060T-70 is a GaAs power pHEMT in an industry standard, 70 mil. ceramic, low parasitic, surface-
mountable package. It’s 0.25µm by 600 µm recessed gate architecture provides high gain, high power and
excellent PAE over a broad frequency range of 1000 MHz to 26 GHz.
PRODUCT FEATURES
70 mil. surface-mountable ceramic package
26.5 dBm P1dB @12 GHz (typical)
10.5dB Gain @ 12 GHz (typical)
70% PAE @12 GHz (typical)
RoHS-compliant/lead-free
APPLICATIONS
Commercial
Military / Hi-Rel.
Test & Measurement
ELECTRICAL CHARACTERISTIC (TUNED FOR POWER) Ta = 25° C
SYMBOLS
PARAMETER/TEST CONDITIONS
TEST
FREQUENCY
MIN.
TYPICAL
Max
UNIT
P1dB
Output Power @ P1dB (Vds = 6V, Ids = 50% Idss)
12 GHz
18 GHz
25.5
25.0
26.5
26.0
dBm
G1dB
Gain @ P1dB (Vds = 6V, Ids = 50% Idss)
12 GHz
18 GHz
9.0
4.0
10.5
5.5
dB
PAE
PAE @ P1dB (Vds = 6V, Ids = 50% Idss)
12 GHz
18 GHz
70
50
%
Idss
Saturated Drain Current (Vgs = 0V, Vds = 2.0V)
120
180
240
mA
Gm
Transconductance (Vds = 3V, Vgs = 50% Idss)
240
mS
Vp
Pinch-off Voltage (Ids = 0.2 mA, Vds = 2V)
-2.5
-1.1
-0.5
V
BVgd
Drain Breakdown Voltage (Ig = 0.2 mA, source open)
-15
V
BVgs
Source Breakdown Voltage (Ig = 0.2 mA, drain open)
-13
V
Rth
Thermal Resistance
175
° C/W


Podobny numer części - BCP060T-70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BCP060T-70 BEREX-BCP060T-70 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70_15 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
More results

Podobny opis - BCP060T-70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
   High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
   High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
   High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
   High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
   High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
   High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
   High Efficiency Heterojunction Power FET
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
   High Efficiency Heterojunction Power FET
EPA018A-70 ETC-EPA018A-70 Datasheet
24Kb / 2P
   High Efficiency Heterojunction Power FET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com