Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K10101TA Arkusz danych(PDF) 4 Page - COSMO Electronics Corporation

Numer części K10101TA
Szczegółowy opis  High Reliability Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10101TA Arkusz danych(HTML) 4 Page - COSMO Electronics Corporation

  K10101TA Datasheet HTML 1Page - COSMO  Electronics Corporation K10101TA Datasheet HTML 2Page - COSMO  Electronics Corporation K10101TA Datasheet HTML 3Page - COSMO  Electronics Corporation K10101TA Datasheet HTML 4Page - COSMO  Electronics Corporation K10101TA Datasheet HTML 5Page - COSMO  Electronics Corporation K10101TA Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/10/2013
NO.60P00046
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010 1T
SHEET 4 OF 6
REV.
4
Fig.1
Current Transfer Ratio
vs. Forward Current
0 . 5
1
2
1 0
0
5 0
1 0 0
1 5 0
2 0 0
2 5 0
3 0 0
3 5 0
4 0 0
0 . 1
5
2 0
Ta=25
VCE=5V
Classification table of current
transfer ratio is shown below.
Rank mark
CTR (%)
K10101TA
100 TO 600
K10101TB
200 TO 500
K10101TC
160 TO 400
K10101TD
120 TO 300
K10101TE
50 TO 600
Forward current IF (mA)
Fig.2
Collector Power Dissipation
vs. Ambient Temperature
Fig.3
Collector Dark Current
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
-8
10
0
25
10
-11
10
-10
-9
10
Vce=20V
10
-7
10-6
10
-5
75
50
115
-55
Ambient Temperature Ta ()
Ambient Temperature Ta ()
Fig.4
Forward Current vs.
Ambient Temperature
Fig.5
Forward Current vs.
Forward Voltage
60
10
-55
0
20
025
30
40
50
50
75
115 125
1.6
-25°
1.4
1.0
0.8
1.2
20
2
5
10
50°
Ta=75°
C
50
100
C
2.2
1.8 2.0
C
C
25°
C
1
0.2
0.5
0.1
0.6
Ambient Temperature Ta ()
Forward Voltage VF (V)


Podobny numer części - K10101TA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
K10101TATLD COSMO-K10101TATLD Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10101TATRU COSMO-K10101TATRU Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
More results

Podobny opis - K10101TA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
   HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
   High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
   High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
   High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
   High Reliability Photocoupler
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
   High Reliability Photocoupler
KPC815S COSMO-KPC815S Datasheet
139Kb / 6P
   High Reliability Photocoupler
KPC4N33L COSMO-KPC4N33L Datasheet
95Kb / 6P
   High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
   High Reliability Photocoupler
KP2210L COSMO-KP2210L Datasheet
121Kb / 6P
   High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com