Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA00DD0WTE2 Arkusz danych(PDF) 7 Page - Rohm

Numer części BA00DD0WTE2
Szczegółowy opis  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA00DD0WTE2 Arkusz danych(HTML) 7 Page - Rohm

Back Button BA00DD0WTE2 Datasheet HTML 3Page - Rohm BA00DD0WTE2 Datasheet HTML 4Page - Rohm BA00DD0WTE2 Datasheet HTML 5Page - Rohm BA00DD0WTE2 Datasheet HTML 6Page - Rohm BA00DD0WTE2 Datasheet HTML 7Page - Rohm BA00DD0WTE2 Datasheet HTML 8Page - Rohm BA00DD0WTE2 Datasheet HTML 9Page - Rohm BA00DD0WTE2 Datasheet HTML 10Page - Rohm BA00DD0WTE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/22
Datasheet
Datasheet
BD60A00NUX
BD60A60NUX
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
●Main characteristics examples - continued
BD60A00NUX
PWM duty – LED current
IC Power=5.0V, LED 8serial, LED current =25mA, PWM frequency = 20 kHz, Ta=25deg
coil 1094AS-10M (TOKO), SBD RB060M-60TR (ROHM)
●Functional Descriptions
1) PWM current mode DC/DC converter
This IC keeps output voltage invariably by setting PWM duty to make FB terminal 0.7V when the power is on. As for the
inputs of the PWM comparator as the feature of the PWM current mode, one is overlapped with error components from
the error amplifier, and the other is overlapped with a current sense signal that controls the inductor current into Slope
waveform to prevent sub harmonic oscillation. This output controls internal Nch Tr via the RS latch. In the period where
internal Nch Tr gate is ON, energy is accumulated in the external inductor, and in the period where internal Nch Tr gate
is OFF, energy is transferred to the output capacitor via external SBD.
This IC has many safety functions, and their detection signals stop switching operation at once.
2) Soft Start
This IC has soft start function, which prevents rush current at turning on.
After EN and PWM are changed L H, soft start becomes effective within 1ms. Soft start doesn't become effective
even if Enable is changed L H, after that. By changing EN and PWM L H, soft start can become effective.
Since a soft start function stops working at the time of following PWM=H when EN=H is held with PWM=L
After EN=H should input a PWM signal within 10ms.
PWM
OFF
ON
ON
OFF
OFF
OFF
ON
OFF
OFF
EN
Soft Start
Soft Start
Reset
Reset
Reset
Soft start time Finish
PWM
EN
Within 10ms
Figure 2. Soft start
Possible to Duty 0.4% at PWM=20 kHz
BD60A00NUX Vcoil vs efficiency
VIN=5V Ta=25℃
LED 8 灯(26V)
coil 1094AS-10M(TOKO)
SBD RB060M-60TR(ROHM)
LED current 25mA
PWM frequency 20kHz
0.01
0.10
1.00
10.00
100.00
0.1
1.0
10.0
100.0
PWM duty (%)
0.4%


Podobny numer części - BA00DD0WTE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA00DD0WT ROHM-BA00DD0WT Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00DD0WT-E2 ROHM-BA00DD0WT-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WT-TR ROHM-BA00DD0WT-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WT-V5 ROHM-BA00DD0WT-V5 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
More results

Podobny opis - BA00DD0WTE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com