Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KAQY217S Arkusz danych(PDF) 1 Page - COSMO Electronics Corporation

Numer części KAQY217S
Szczegółowy opis  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY217S Arkusz danych(HTML) 1 Page - COSMO Electronics Corporation

  KAQY217S_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT SPECIFICATION
DATE:05/02/2011
NO.62M00017
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY217S
SHEET 1 OF 7
REV.
2
OUTSIDE DIMENSION︰
Date Code
Y217S
XXX
cosmo
2.54
0.40
4.60
0.50±0.3
6.8±0.4
4.40
Turn On / Turn Off time
Output
TON
Input
TOFF
90%
10%
NORMALLY OPEN
1 FORM A
4
3
1
4
2
3
Absolute Maximum Ratings
Ta=25℃)
Emitter(Input)
Detector(Output)
Reverse Voltage ………………………………
5.0V Output Breakdown Voltage ………………… ± 200V
Continuous Forward Current ……………...
50mA Continuous Load Current ………………
± 180mA
Peak Forward Current …………………………… 1A Power Dissipation …………………………
450mW
Power Dissipation …………………………
75mW
Derate Linearly from 25℃ ……………… 1.3mW/℃
General Characteristics
Isolation Test Voltage ………………
1500VACrms Storage Temperature Range …… -40℃ to +125℃
Operating Temperature Range …
-40℃ to +85℃
Isolation Resistance
Vio=500V,Ta=25℃ ……………………… ≧1010Ω Junction Temperature ………………………… 100℃
Total Power Dissipation …………………… 500mW
Derate Linearly from 25℃ ……………… 2.5mW/℃
Soldering Temperature,
2mm from case,10 sec ……………………… 260℃
Unit︰mm
Tolerance︰±0.2mm


Podobny numer części - KAQY217S_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQY217STL COSMO-KAQY217STL Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217STLD COSMO-KAQY217STLD Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217STR COSMO-KAQY217STR Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217STRU COSMO-KAQY217STRU Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Podobny opis - KAQY217S_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com