Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMPE105M2G Arkusz danych(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Numer części TMPE105M2G
Szczegółowy opis  Metallized Polyester Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MERITEK [MERITEK ELECTRONICS CORPORATION]
Strona internetowa  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TMPE105M2G Arkusz danych(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  TMPE105M2G Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAX
OD
35mm
35mm
L
35mm
35mm
MIN
MAX
MAX
MIN
d
d
0.05
W
2
T
Dimensions in millimeters (mm)
TMPE
FMPE
Rated
100VDC
250VDC
400VDC
630VDC
100VDC
250VDC
400VDC
630VDC
DIM.
CAP(
μF)
Ø D
L
Ø D
L
Ø D
L
Ø D
L
W
H
T
W
H
T
W
H
T
W
H
T
0.010
6.0
15.0
6.0
15.0
6.0
15.0
6.0
15.0
15.0
9.0
5.0
15.0
9.0
5.0
15.0
9.0
5.0
15.0
9.0
5.0
0.015
6.0
15.0
6.0
15.0
6.0
15.0
6.5
15.0
15.0
10.0
6.0
15.0
10.0
6.0
15.0
10.0
6.0
15.0
10.0
6.0
0.022
6.0
15.0
6.0
15.0
6.0
15.0
7.0
15.0
15.0
10.0
6.0
15.0
10.0
6.0
15.0
9.0
5.0
15.0
10.0
6.0
0.033
6.5
15.0
6.5
15.0
6.5
15.0
9.0
15.0
15.0
10.0
6.0
15.0
10.0
6.0
15.0
10.0
6.0
15.0
11.0
7.0
0.047
7.0
15.0
7.0
15.0
7.0
15.0
7.5
21.0
15.0
10.0
6.0
15.0
10.0
6.0
15.0
10.0
6.0
21.0
10.0
6.0
0.068
7.0
15.0
7.0
15.0
7.0
21.0
8.5
21.0
15.0
10.0
6.0
15.0
10.0
6.0
15.0
10.0
6.5
21.0
11.0
7.0
0.10
7.0
15.0
7.0
15.0
8.0
21.0
11.0
21.0
15.0
10.0
6.0
15.0
10.0
6.0
21.0
11.0
6.5
21.0
13.0
8.0
0.15
7.0
15.0
7.0
15.0
9.0
21.0
10.5
26.0
15.0
10.0
6.0
15.0
10.0
6.0
21.0
11.5
6.5
21.0
15.0
10.0
0.22
7.0
15.0
7.0
21.0
9.5
26.0
14.0
26.0
15.0
10.0
6.0
21.0
8.5
5.0
21.0
13.5
7.5
26.0
14.5
8.5
0.33
8.0
15.0
8.0
21.0
11.0
26.0
12.0
33.0
15.0
11.0
6.0
21.0
10.0
5.0
26.0
14.5
8.0
26.0
17.0
10.0
0.47
7.5
21.0
9.0
21.0
13.0
26.0
14.0
33.0
21.0
10.0
6.0
21.0
11.0
7.0
26.0
15.5
9.0
33.0
17.5
9.0
0.68
8.5
21.0
9.0
26.0
13.5
33.0
16.5
33.0
21.0
11.0
6.0
26.0
11.0
7.0
33.0
15.0
7.5
33.0
19.0
11.0
1.0
10.0
21.0
10.5
26.0
16.0
33.0
20.0
37.0
21.0
12.5
7.0
26.0
14.0
8.0
33.0
18.5
10.0
37.0
22.0
13.0
1.5
10.0
26.0
13.0
26.0
19.0
33.0
25.0
37.0
26.0
12.0
7.0
26.0
16.0
9.0
33.0
21.0
12.5
37.0
27.0
17.0
2.2
11.5
26.0
14.0
33.0
20.0
37.0
23.0
47.0
26.0
16.0
9.0
33.0
18.0
9.5
38.0
23.0
14.0
47.0
28.0
19.0
3.3
13.0
26.0
16.5
33.0
25.0
37.0
26.0
18.5
11.0
33.0
20.0
11.0
38.0
26.0
17.0
4.7
14.5
33.0
18.0
37.0
33.0
18.5
9.0
38.0
25.0
16.0
38.0
30.0
21.0
6.8
18.0
33.0
20.5
37.0
33.0
23.0
13.0
38.0
27.0
19.0
10.0
20.0
33.0
22.0
47.0
33.0
26.5
16.0
47.0
30.0
22.0
12.0
22.0
33.0
24.0
47.0
Custom sizes available upon request
Custom values and tolerances available upon request
MERITEK
Metallized Polyester
Film Capacitors
TMPE & FMPE Series
(Axial Lead)
FEATURES
Non-inductive construction
Good solderability
Self-healing properties
High stability of capacitance
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85oC
2. Capacitance range:
0.01
μF to 12μF
3. Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4. Rated voltage:
100VDC, 250VDC, 400VDC, 630VDC
5. Dissipation factor:
1.0% max. at 1KHz, 25
oC
6. Insulation resistance:
>30000M
Ω (C ≤ 0.33μF)
>10000M
Ω • μF (C > 0.33 μF)
PART NUMBERING SYSTEM
TMPE
223
J
2A
Meritek Series
* TMPE / FMPE
Capacitance
CODE
101
102
103
104
105
106
( pF )
100
1,000
10,000
100,000
( nF )
---
1
10
100
1000
(
μF )
---
0.001
0.01
0.1
1
10
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
2A
2E
2G
2J
100V
250V
400V
630V
Tape & Reel / Tape & Ammo available for diameter 10mm or smaller
Please contact factory for part numbers
TMPE & FMPE are constructed with
metallized polyester film dielectric, tinned copper
leads, polyester film tape outer wrapping, and
non-inductive epoxy resin end seals. They are ideal
for coupling and decoupling, bypassing, filtering,
and
other
applications.
TMPE
and
FMPE
are
frequently used in data processing equipment,
automatic
control
systems,
devices
for
telecommunication and industrial instruments.
Voltage
Specifications are subject to change without notice.
rev.6a


Podobny numer części - TMPE105M2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MERITEK ELECTRONICS COR...
TMPE-FMPE MERITEK-TMPE-FMPE Datasheet
167Kb / 1P
   Non-inductive construction
More results

Podobny opis - TMPE105M2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com