Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD802-155BR Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD802-155BR
Szczegółowy opis  Clock Recovery and Data Retiming Phase-Locked Loop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD802-155BR Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD802-155BR Datasheet HTML 4Page - Analog Devices AD802-155BR Datasheet HTML 5Page - Analog Devices AD802-155BR Datasheet HTML 6Page - Analog Devices AD802-155BR Datasheet HTML 7Page - Analog Devices AD802-155BR Datasheet HTML 8Page - Analog Devices AD802-155BR Datasheet HTML 9Page - Analog Devices AD802-155BR Datasheet HTML 10Page - Analog Devices AD802-155BR Datasheet HTML 11Page - Analog Devices AD802-155BR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD800/AD802
REV. B
–9–
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DATAOUT
DATAOUT
VCC2
CLKOUT
CLKOUT
AVEE
ASUBST
FRAC
FRAC
SUBST
DATAIN
DATAIN
AVCC
CF1
CF2
DATAOUT
DATAOUT
CLKOUT
CLKOUT
Z1
AD800/802
J1
J2
R1
R2
R5 100
R10
R6 100
5.0V
R9
R12
R11
R7 100
R8 100
R3
R4
J3
J4
C10
0.1
100
100
154
154
154
154
100
100
CD
R22
80.6
R21
80.6
R19
130
R20
130
FRAC
FRAC
5.0V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Z2
10H116
R24
130
R23
130
J5
J6
R26
80.6
R25
80.6
DATAIN
DATAIN
5.0V
0.1
0.1
0.1
C7 0.1
C6 0.1
0.1
C16
5.0V
5.0V
R16 100
5.0V
C13 0.1
100
100
154
154
0.1
C20
C21 0.1
5.0V
5.0V
C8
C9
0.1
C5
C4
C3
R13
R14
R15 100
R17
R18
C17 0.1
C14 0.1
C15 0.1
0.1
0.1
C12
C11
C19
0.1
VEE
C2
10
µF
5.0V
BYPASS
NETWORK
OUT
IN
VEE
VCC1
VEE
VCC1
Figure 22. Evaluation Board Schematic, Positive Supply
Table I. Evaluation Board, Positive Supply: Components List
Reference
Designator
Description
Quantity
R1–8, R15–18
Resistor, 100
Ω, 1%
12
R9–14
Resistor, 154
Ω, 1%
6
R19, 20, 23, 24
Resistor, 130
Ω, 1%
4
R21, 22, 25, 26
Resistor, 80.6
Ω, 1%
4
CD
Capacitor, Loop Damping (See Specifications Page)
1
C2
Capacitor, 10
µF, Tantalum
1
C3–C21
Capacitor, 0.1
µF, Ceramic Chip
17
Z1
AD800/AD802
1
Z2
10H116, ECL Line Receiver
1
IN
0.1
µF
C2
10
µF
BYPASS
NETWORK
(A, B, C,
OR D)
TO DEVICE
IN
5.0V
BEADS WITH ONE LOOP
IN
0.1
µF
TO
DEVICE
TO
DEVICE
(A)
IN
0.1
µF
TO
DEVICE
BEAD WITH
ONE LOOP
(B)
(C)
BEAD WITH
TWO LOOPS
IN
0.1
µF
TO
DEVICE
BEAD WITH
TWO LOOPS
(D)
BEAD WITH
TWO LOOPS
BYPASS NETWORK
COMPONENTS:
CAPACITOR ..........CERAMIC CHIP
FERRITE BEAD......1/4 IN. STACKPOLE CARBO 57-1392
3.0
0
1.0
1.5
0.5
0.1
1.0
0
2.5
2.0
0.9
0.7
0.6
0.5
0.8
0.4
0.3
0.2
NOISE – V p-p @ 311MHz
(A)
(B)
(C)
(D)
Figure 23. Bypass Network Schemes
Figure 24. AD802-155 Output Jitter vs. Supply Noise
(PECL Configuration)


Podobny numer części - AD802-155BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8021 AD-AD8021 Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
AD8021 AD-AD8021 Datasheet
490Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
AD8021 AD-AD8021 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD8021 AD-AD8021 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD8021 AD-AD8021 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results

Podobny opis - AD802-155BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD800 AD-AD800_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD805 AD-AD805_15 Datasheet
324Kb / 12P
   Data Retiming Phase-Locked Loop
REV. 0
AD805 AD-AD805 Datasheet
318Kb / 12P
   DATA RETIMING PHASE LOCKED LOOP
REV. 0
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
Pericom Semiconductor C...
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com