Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8016ARB Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD8016ARB
Szczegółowy opis  Low Power, High Output Current xDSL Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8016ARB Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD8016ARB Datasheet HTML 6Page - Analog Devices AD8016ARB Datasheet HTML 7Page - Analog Devices AD8016ARB Datasheet HTML 8Page - Analog Devices AD8016ARB Datasheet HTML 9Page - Analog Devices AD8016ARB Datasheet HTML 10Page - Analog Devices AD8016ARB Datasheet HTML 11Page - Analog Devices AD8016ARB Datasheet HTML 12Page - Analog Devices AD8016ARB Datasheet HTML 13Page - Analog Devices AD8016ARB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. A
AD8016
–10–
VIN = 2V/DIV
VOUT = 5V/DIV
VIN
VOUT
–100
0
100
200
300
400
500
600
700
800
900
TIME – ns
0V
0V
a. Overload Recovery; VS =
±12 V, G = +5, RL = 100 Ω
–100
0
100
200
300
400
500
600
700
800
900
TIME – ns
VIN
VOUT
0V
0V
VIN = 2V/DIV
VOUT = 5V/DIV
b. Overload Recovery; VS =
±12 V, G = +5, RL = 100 Ω
Figure 33.
IBIAS – A
25
0
20
15
10
5
0
50
100
150
200
[0,1]
[0,0]
[1,0]
PWDN 1,0 = [1,1]
Figure 34. IQ vs. IBIAS Pin Current; VS =
±12 V
IBIAS – A
18
0
16
14
12
10
8
50
100
150
200
6
4
2
0
PWDN 1,0 = [1.1]
[1,0]
[0,1]
[0,0]
Figure 35. IQ vs. IBIAS Pin Current; VS =
±6 V
RLOAD
12
8
10
100
1k
10k
4
0
–4
–8
–12
+VOUT, VS = 12V
+VOUT, VS = 6V
–VOUT, VS = 6V
–VOUT, VS = 12V
Figure 36. Output Voltage vs. RLOAD


Podobny numer części - AD8016ARB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8016ARB AD-AD8016ARB Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-REEL AD-AD8016ARB-REEL Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARBZ AD-AD8016ARBZ Datasheet
673Kb / 21P
   Low Power, High Output
REV. C
AD8016ARBZ-REEL AD-AD8016ARBZ-REEL Datasheet
673Kb / 21P
   Low Power, High Output
REV. C
More results

Podobny opis - AD8016ARB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com