Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8042AN Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8042AN
Szczegółowy opis  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8042AN Arkusz danych(HTML) 1 Page - Analog Devices

  AD8042AN Datasheet HTML 1Page - Analog Devices AD8042AN Datasheet HTML 2Page - Analog Devices AD8042AN Datasheet HTML 3Page - Analog Devices AD8042AN Datasheet HTML 4Page - Analog Devices AD8042AN Datasheet HTML 5Page - Analog Devices AD8042AN Datasheet HTML 6Page - Analog Devices AD8042AN Datasheet HTML 7Page - Analog Devices AD8042AN Datasheet HTML 8Page - Analog Devices AD8042AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD8042
Dual 160 MHz
Rail-to-Rail Amplifier
CONNECTION DIAGRAM
8-Lead Plastic DIP and SOIC
OUT1
–IN1
+IN1
–VS
OUT2
+VS
–IN2
+IN2
1
2
3
4
8
7
6
5
AD8042
FEATURES
Single AD8041 and Quad AD8044 also Available
Fully Specified at +3 V, +5 V, and
5 V Supplies
Output Swings to Within 30 mV of Either Rail
Input Voltage Range Extends 200 mV Below Ground
No Phase Reversal with Inputs 0.5 V Beyond Supplies
Low Power of 5.2 mA per Amplifier
High Speed and Fast Settling on 5 V:
160 MHz –3 dB Bandwidth (G = +1)
200 V/ s Slew Rate
39 ns Settling Time to 0.1%
Good Video Specifications (RL = 150
, G = +2)
Gain Flatness of 0.1 dB to 14 MHz
0.02% Differential Gain Error
0.04 Differential Phase Error
Low Distortion
–64 dBc Worst Harmonic @ 10 MHz
Drives 50 mA 0.5 V from Supply Rails
APPLICATIONS
Video Switchers
Distribution Amplifiers
A/D Driver
Professional Cameras
CCD Imaging Systems
Ultrasound Equipment (Multichannel)
PRODUCT DESCRIPTION
The AD8042 is a low power voltage feedback, high speed am-
plifier designed to operate on +3 V, +5 V, or
±5 V supplies. It
has true single supply capability with an input voltage range
extending 200 mV below the negative rail and within 1 V of the
positive rail.
5V
2.5V
0V
1 s
1V
G = 1
RL = 2k TO +2.5V
Figure 1. Output Swing: Gain = –1, VS = +5 V
The output voltage swing extends to within 30 mV of each rail,
providing the maximum output dynamic range. Additionally, it
features gain flatness of 0.1 dB to 14 MHz while offering differ-
ential gain and phase error of 0.04% and 0.06
∞ on a single 5 V
supply. This makes the AD8042 useful for professional video
electronics such as cameras, video switchers, or any high speed
portable equipment. The AD8042’s low distortion and fast
settling make it ideal for buffering single supply, high speed
A/D converters.
The AD8042 offers low power supply current of 12 mA max
and can run on a single 3.3 V power supply. These features are
ideally suited for portable and battery-powered applications
where size and power are critical.
The wide bandwidth of 160 MHz along with 200 V/
ms of slew rate
on a single 5 V supply make the AD8042 useful in many general-
purpose, high speed applications where single supplies from
3.3 V to 12 V and dual power supplies of up to
±6 V are needed.
The AD8042 is available in 8-lead plastic DIP and SOIC.
15
12
9
6
3
0
–3
–6
–9
–12
–15
110
100
500
FREQUENCY (MHz)
V
S = 5V
G = +1
C
L = 5pF
R
L = 2k
TO 2.5V
Figure 2. Frequency Response


Podobny numer części - AD8042AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8042AN AD-AD8042AN Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results

Podobny opis - AD8042AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com