Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8031BR-REEL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8031BR-REEL
Szczegółowy opis  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8031BR-REEL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8031BR-REEL Datasheet HTML 4Page - Analog Devices AD8031BR-REEL Datasheet HTML 5Page - Analog Devices AD8031BR-REEL Datasheet HTML 6Page - Analog Devices AD8031BR-REEL Datasheet HTML 7Page - Analog Devices AD8031BR-REEL Datasheet HTML 8Page - Analog Devices AD8031BR-REEL Datasheet HTML 9Page - Analog Devices AD8031BR-REEL Datasheet HTML 10Page - Analog Devices AD8031BR-REEL Datasheet HTML 11Page - Analog Devices AD8031BR-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8031/AD8032–Typical Performance Characteristics
–8–
REV. B
RLOAD – Ohms
110
105
60
0
10k
2k
4k
6k
8k
90
75
70
65
100
95
80
85
VS = +5V
–AOL
+AOL
Figure 15. Open-Loop Gain (AOL) vs. RLOAD
TEMPERATURE – C
86
84
76
–40
90
–30 –20 –10
0
10
20
30
40
50
60
70
80
82
80
78
VS = +5V
RL = 1k
–AOL
+AOL
Figure 16. Open-Loop Gain (AOL) vs. Temperature
VOUT – V
110
80
50
05
0.5
1
1.5
2
2.5
3
3.5
4
4.5
100
90
70
60
VS = +5V
RLOAD = 10k
RLOAD = 1k
Figure 17. Open-Loop Gain (AOL) vs. VOUT
10
0%
100
90
1V
500mV
VS = +5V
500mV
10
0
–10
–1.5
0.5
2.5
4.5
6.5
INPUT VOLTAGE – Volts
Figure 18. Differential Input Overvoltage I-V
Characteristics
0.05
–0.15
–0.05
–0.10
0.00
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
0.10
–0.10
0.00
–0.05
0.05
Figure 19. Differential Gain and Phase @ VS = ±5 V;
RL = 1 k
FREQUENCY – Hz
100
30
0.3
10
10M
100
1k
10k
100k
1M
10
3
1
VS = +5V
VOLTAGE NOISE
CURRENT NOISE
100
10
1
0.1
Figure 20. Input Voltage Noise vs. Frequency


Podobny numer części - AD8031BR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8031BR-REEL AD-AD8031BR-REEL Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031BR-REEL7 AD-AD8031BR-REEL7 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
More results

Podobny opis - AD8031BR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8031ART AD-AD8031ART Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com