Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E01340B Arkusz danych(PDF) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Numer części E01340B
Szczegółowy opis  Miniatur e Cermet Trimmer Potentiometers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Strona internetowa  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

E01340B Arkusz danych(HTML) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  E01340B Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD E01340B Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD E01340B Datasheet HTML 3Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD E01340B Datasheet HTML 4Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimension 6.8 mm 7.8 mm
Lead Spacing 5 mm 3 mm
For resistance adjustment, knob can be tuned by commercially-available driver.
High flame-retardant material is used for knob.(V-0)
This is High-rated type.
Feeding method is Taping.
Pb-free for environmental-friendly.
For Deflection Yoke
Item
Specification
Unit
Note
10,20,50,100,200,500
Operating Temperature Range
Storage Temperature Range
Resistance Range
Resistance Tolerance
Power Rating
Max. Working Voltage
Rotation Angle
Operation Torque
Concentrated Contact Resistance
Noise(Contact Resistance Variation)
Ineffective Variable Range
Temperature Coefficient
-30
+120
-40
+120
15
0.7
100
240
10
mN m
2.94
29.4
Within 4% of Total Resistance Value
Within 3% of Total Resistance Value
Within 10% of Total Rotation Angle
ppm/
250
Miniature Cermet Trimmer Potentiometers
T1:Taping Type
Knob Type
VG
0601
D
T1
Mounting, Terminal
Features
Dimensions (Unit:mm)
Applications
Specifications
Model Designation
7.8 0.5
ADJ. SLOT0.8 3.4(2DEEP)
SOLDER
MARKING(RESISTANCEVALUE)
0.4 0.05
0.4 0.05
MOUNTING
SURFACE
1.3+0.1/-0
5 0.05
2- 1.0 +0.1/-0
MOUNTINGHOLEDETAIL
0.7 0.2
TERM.3
TERM.1
TERM.2
4 0.2
Model No. (Cermet Film Type)
Type (6mm)
Specifications are subject to change without notice.
HOKURIKU
2


Podobny numer części - E01340B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HOKURIKU ELECTRIC INDUS...
E01340A HOKURIKU-E01340A Datasheet
1Mb / 4P
   Chip Type Cermet Trimmer Potentiometer
More results

Podobny opis - E01340B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PV36P503C01B00 MURATA-PV36P503C01B00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3K103E01B00 MURATA1-PVZ3K103E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com