Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC-10-01B Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części TC-10-01B
Szczegółowy opis  Through Hole Transformers Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TC-10-01B Arkusz danych(HTML) 1 Page - Vishay Siliconix

  TC-10-01B Datasheet HTML 1Page - Vishay Siliconix TC-10-01B Datasheet HTML 2Page - Vishay Siliconix TC-10-01B Datasheet HTML 3Page - Vishay Siliconix TC-10-01B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC
www.vishay.com
Vishay Dale
Revision: 02-Mar-12
1
Document Number: 34077
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Through Hole Transformers Converter
ELECTRICAL SPECIFICATIONS
Transformer Power Rating: 3 W
Isolation, Primary-Secondary: 500 V, 60 Hz. Operating
characteristics may be varied to suit specific applications by
appropriate selection of circuit components
FEATURES
• Designed especially for low-power solid state
circuits
• Designed for mounting on printed circuit boards
• Miniature size for minimum space
• High conversion efficiency from DC input to filtered DC
output
• Compliant to RoHS Directive 2011/65/EU
APPLICATIONS
Power supply for gas discharge display, battery-operated
portable instruments, operational amplifier power supplies
MECHANICAL SPECIFICATIONS
Coil: Secured to bottom of case with epoxy
Terminals: 0.025" [0.635 mm] square, solder plated
OPERATING TEMPERATURE RANGE
- 20 °C to + 80 °C. Intended for use in enclosed commercial
and industrial applications
Note
(1) Specifications relate to transformer when operated in applicable test circuit and at specified load power.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
INPUT
(VDC)
OUTPUT
FREQUENCY
REFERENCE
(kHz)
CIRCUIT
EFFECTIVE
TEST
CIRCUIT
SCHEMATIC
NUMBER
TC-10-01B
3.6
+ 7.2 ± 0.2 VDC at 150 MW
7.5
50 %
1
1
- 7.2 ± 0.2 VDC at 150 MW
TC-10-02B
5
200 ± 10 VDC at 250 MW
11
50 %
2 (1)
4
TC-10-03B
5
200 ± 10 VDC at 250 MW
11
60 %
2
2
+ 15 ± 0.4 VDC at 125 MW
- 15 ± 0.4 VDC at 125 MW
TC-10-04B
5
+ 15 ± 0.4 VDC at 500 MW
8
75 %
3
1
- 15 ± 0.4 VDC at 500 MW
TC-10-05B
5
+ 170 ± 5.1 VDC at 850 MW
11
75 %
4
5
+ 32 ± 1.0 VDC at 510 MW
TC-10-06B
5
+ 35 ± 1.0 VDC at 610 MW
11
70 %
4 (1)
5 (1)
TC-10-07B
7.5
16.3 ± 0.4 VDC at 330 MW
7
65 %
5
1
TC-10-08B
12
± 15 ± 0.4 VDC at 1 W
7.5
72 %
3
1
TC-10-09B
12
160 ± 5 VDC at 1.5 W
10
75 %
6
3
TC-10-10B
12
14.2 ± 0.7 VDC at 3 W
10
70 %
5
1
TC-10-11B
12
+ 24 ± 0.5 VDC at 2 W
10
80 %
5
1
TC-10-12B
24
170 ± 5.1 VDC at 850 MW
11
70 %
4
5
32 ± 1.0 VDC at 510 MW


Podobny numer części - TC-10-01B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-1000PL ETC2-TC-1000PL Datasheet
187Kb / 4P
   AC Input Voltage: 90~264V
TC-101 ETC2-TC-101 Datasheet
98Kb / 1P
   LAMINATED TAPE
logo
PREMO CORPORATION S.L
TC-1012505 PREMO-TC-1012505 Datasheet
231Kb / 2P
   50/60 Hz industrial Current Transformer up to 600A
TC-1015005 PREMO-TC-1015005 Datasheet
231Kb / 2P
   50/60 Hz industrial Current Transformer up to 600A
logo
List of Unclassifed Man...
TC-102 ETC2-TC-102 Datasheet
98Kb / 1P
   LAMINATED TAPE
More results

Podobny opis - TC-10-01B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TC VISHAY-TC Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
logo
Bel Fuse Inc.
2718AF2 BEL-2718AF2 Datasheet
42Kb / 2P
   ADSL MAGNETICS Through Hole Transformers
logo
Pulse A Technitrol Comp...
PE-67200NL PULSE-PE-67200NL Datasheet
302Kb / 2P
   Through Hole Current Sense Transformers
logo
Vishay Siliconix
MTPL2516 VISHAY-MTPL2516 Datasheet
75Kb / 3P
   Versatile Through-Hole Planar Transformers
logo
Pulse A Technitrol Comp...
PE-67100NL PULSE-PE-67100NL Datasheet
59Kb / 1P
   THROUGH HOLE CURRENT SENSE TRANSFORMERS
logo
Bel Fuse Inc.
0559-6200-00 BEL-0559-6200-00 Datasheet
43Kb / 1P
   ISDN TRANSFORMERS Through Hole - Dual Package
logo
Vishay Siliconix
PT50 VISHAY-PT50 Datasheet
198Kb / 3P
   Through Hole Transformers Trigger, SCR Isolation
Revision: 16-Dec-09
PT1020 VISHAY-PT1020 Datasheet
98Kb / 4P
   Through-Hole Transformers Pulse, Trigger Type
Revision: 06-Dec-11
TA VISHAY-TA Datasheet
153Kb / 5P
   Through-Hole Transformers Audio, Telephone Coupling
Revision: 06-Dec-11
TA-10-08 VISHAY-TA-10-08 Datasheet
153Kb / 5P
   Through-Hole Transformers Audio, Telephone Coupling
Revision: 06-Dec-11
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com