Zakładka z wyszukiwarką danych komponentów |
|
E011405 Arkusz danych(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD |
|
E011405 Arkusz danych(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD |
1 / 3 page Const Concave Electrode Type ruction Model No. Dimension Rating Operating temperature range : -55 ~ +155 Please contact our sales offices about custom use circuits. Model No. L W a b NCR104 2.00±0.10 1.00±0.10 0.28±0.10 (0.28)*2 NCR162 1.60±0.15 NCR164 3.20±0.15 Model No. c d p t NCR104 0.20±0.10 0.28±0.10 (0.50)*2 0.35±0.10 NCR162 NCR164 1.60±0.15 0.50±0.15 (0.50)*2 0.35±0.15 0.40±0.15 (0.80)*2 0.45±0.10 Symbol Material List Alumina substrate Conductor Resistive film Over coat Marking Side termination NCR164 NCR104 (NCR108) NCR162 NCR164 102 3 digit Symbol Tolerance Symbol Packaging (Resistance) (Marking) B Bulk 0 000 VPaper t aping 1k 102 J V J± Rated Wattage Tolerance Resistance Range T.C.R. Max. Working Max. Overload (70 ) (%) E-24 Series ( ) (ppm/ ) Voltage (V) Voltage (V) Rated Current Resistance NCR104 (NCR108) 0.031W/Element NCR162 NCR164 1A/Element Max. 50m Model No. Circuit 0 Type 0.063W/Element 100 50 ±200 10 ~ 1M J: ± 5 Network Chip Resistors 5 1005 4(2010) 0402 4(0804) Model No. NCR104 (NCR108) 1608 2(1616) 0603 2(0606) NCR162 1608 (3216) 0603 4(1206) NCR164 Size Code mm Inch Size Code 0 type is no marking NCR162 NCR164 NCR104 L P t P L a a b *2 ( ): Reference value *1 *1 ( ):Conventional Model No. *1 *1 Power rating, Packaging Refer "Dimension, Packaging,etc." Specifications are subject to change without notice. HOKURIKU 1 Model No. Resistance Tolerance(%) Packaging Model No. Resistance Tolerance Packaging |
Podobny numer części - E011405 |
|
Podobny opis - E011405 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |