Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD15PS-1 Arkusz danych(PDF) 2 Page - PowerDynamics, Inc

Numer części PD15PS-1
Szczegółowy opis  CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWERDYNAMICS [PowerDynamics, Inc]
Strona internetowa  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD15PS-1 Arkusz danych(HTML) 2 Page - PowerDynamics, Inc

  PD15PS-1 Datasheet HTML 1Page - PowerDynamics, Inc PD15PS-1 Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PD Series Example & Ordering Code
Non-Medical Applications
PD Series Attenuation Tables
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
ONE STAGE
Current
Rating
5A
10A
15A
20A
Inductance
in mH
1.7
1.2
0.9
0.5
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1 5 10 30 .15 .5 1 5 10 30
17 27 31 42 46 42
7 37 37 46 42 37
16 24 28 34 36 40
9 36 35 40 42 38
14 19 22 32 33 41 10 32 28 37 38 40
7 17 22 32 34 50
7 27 28 36 39 46
CURRENT RATING (A):
TERMINAL:
= PS
SCREW
-
05 PS
1
SCHEMATIC:
= 1
= 2
PD
(ONE STAGE)
(TWO STAGE)
TWO STAGE
Current
Rating
1A
3A
6A
10A
Inductance
in mH
3.7
1.8
0.7
0.3
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1 5 10 30 .15 .5 1 5 10 30
46 74 73 58 51 27
7 52 46 54 47 32
38 68 80 58 53 48
5 53 62 51 44 38
21 51 62 66 69 51 15 30 75 55 49 41
4 32 50 66 58 48
6 18 54 55 48 41
= 01)
= 03)
= 05"
= 06)
= 10¦
= 15"
= 20"
"
Single stage only
)
Double stage only
¦
Available in single & double stage
30
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com
SCHEMATICS
L mH
L mH
L
G
N
L'
N'
10M
0.1 F
Cx
Cy
2200pF
x2
Cx
x2
L mH
L mH
L mH
L mH
L
G
N
L'
N'
10M
Cx
Cx
Cy
3300pF
x2
Cx
0.3 F
x3
ONE STAGE
TWO STAGE


Podobny numer części - PD15PS-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Industries
PD15-12 ALPHA-PD15-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
logo
Everlight Electronics C...
PD15-21B EVERLIGHT-PD15-21B Datasheet
199Kb / 10P
   Silicin PIN Photodiode
PD15-21B-TR8 EVERLIGHT-PD15-21B-TR8 Datasheet
202Kb / 10P
   1206 Package Silicin PIN Photodiode
PD15-21B/TR8 EVERLIGHT-PD15-21B/TR8 Datasheet
199Kb / 10P
   Silicin PIN Photodiode
PD15-21C EVERLIGHT-PD15-21C Datasheet
476Kb / 7P
   high speed and high sensitve PIN photodiode in miniature SMD which is molder in a water clear with flat top view lens.
More results

Podobny opis - PD15PS-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PowerDynamics, Inc
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com