Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LZ9-00NW00 Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers

Numer części LZ9-00NW00
Szczegółowy opis  High Luminous Efficacy Neutral White LED Emitter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

LZ9-00NW00 Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LZ9-00NW00 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZ9-00NW00 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZ9-00NW00 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZ9-00NW00 Datasheet HTML 9Page - List of Unclassifed Manufacturers LZ9-00NW00 Datasheet HTML 10Page - List of Unclassifed Manufacturers LZ9-00NW00 Datasheet HTML 11Page - List of Unclassifed Manufacturers LZ9-00NW00 Datasheet HTML 12Page - List of Unclassifed Manufacturers LZ9-00NW00 Datasheet HTML 13Page - List of Unclassifed Manufacturers LZ9-00NW00 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
LZ9-00NW00 (1.2-02/07/13)
LED Engin | 651 River Oaks Parkway | San Jose, CA 95134 USA | ph +1 408 922 7200 | fax +1 408 922 0158 | em sales@ledengin.com | www.ledengin.com
Typical Radiation Pattern
Figure 4: Typical representative spatial radiation pattern
.
Typical Relative Spectral Power Distribution
Figure 5: Typical relative spectral power vs. wavelength @ TC = 25°C
0
10
20
30
40
50
60
70
80
90
100
-90 -80 -70 -60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
Angular Displacement (Degrees)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
380
430
480
530
580
630
680
730
780
830
880
Wavelength (nm)


Podobny numer części - LZ9-00NW00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZ9-00W900 ETC-LZ9-00W900 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
More results

Podobny opis - LZ9-00NW00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZC-00CW00 ETC2-LZC-00CW00 Datasheet
286Kb / 12P
   High Luminous Efficacy Cool White LED Emitter
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
logo
OptoSupply Internationa...
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
   High Luminous Efficacy Star MCPCB COB 6W LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
   high luminous efficacy star mcpcb cob 6w led
logo
American Bright OPTOELE...
AB-2016E2-KKF80 AMERICANBRIGHT-AB-2016E2-KKF80 Datasheet
792Kb / 11P
   High efficacy 2016 EMC white LED
Rev. 1.0
logo
OptoSupply Internationa...
OSWWY23131E OPTOSUPPLY-OSWWY23131E Datasheet
111Kb / 1P
   3mm Round White & White LED High Luminous LEDs Superior Weather-resistance
OSWWY25111E OPTOSUPPLY-OSWWY25111E Datasheet
113Kb / 1P
   5mm Round White & White LED High Luminous LEDs Long Lifetime Operation
logo
Lumileds Lighting Compa...
PB106 LUMILEDS-PB106 Datasheet
1Mb / 2P
   A bright, versatile and high efficacy emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com