Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD8424H_F085A Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDD8424H_F085A
Szczegółowy opis  Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8424H_F085A Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDD8424H_F085A_13 Datasheet HTML 1Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 2Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 3Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 4Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 5Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 6Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 7Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 8Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Figure 7.
0
4
8
12
16
0
2
4
6
8
10
ID = 9A
VDD = 25V
VDD = 20V
VDD = 15V
Qg, GATE CHARGE(nC)
Gate Charge Characteristics
Figure8.
0.1
1
10
100
1000
2000
30
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
40
Capacitance vs Drain
to Source Voltage
Figure9.
0.001
0.01
0.1
1
10
100
1
10
TJ = 125oC
TJ = 25oC
tAV, TIME IN AVALANCHE(ms)
30
Unclamped Inductive
Switching Capability
Figure10.Maximum Continuous Drain
Current vs CaseTemperature
25
50
75
100
125
150
0
5
10
15
20
25
30
Limited by Package
RθJC = 4.1oC/W
VGS = 4.5V
VGS = 10V
TC, CASE TEMPERATURE (
oC)
Figure 11. Forward BiasSafe
Operating Area
110
0.1
1
10
100
10us
DC
10ms
1ms
100us
SINGLE PULSE
TJ = MAX RATED
RθJC = 4.1
oC/W
TC = 25oC
THIS AREA IS
LIMITED BY rDS(on)
VDS, DRAIN to SOURCE VOLTAGE (V)
80
Figure12.
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
10000
VGS = 10V
SINGLE PULSE
RθJC = 4.1
oC/W
t, PULSE WIDTH (s)
I = I25
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
150 TC
125
------------------------
TC = 25oC
Single Pulse Maximum
Power Dissipation
Typical Characteristics (Q1 N-Channel)TJ = 25°C unless otherwise noted
©2013 Fairchild Semiconductor Corporation
FDD8424H_F085A Rev.C1
www.fairchildsemi.com


Podobny numer części - FDD8424H_F085A_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD8424H FAIRCHILD-FDD8424H_11 Datasheet
856Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
More results

Podobny opis - FDD8424H_F085A_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD8424H FAIRCHILD-FDD8424H_11 Datasheet
856Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
FDMC8462 FAIRCHILD-FDMC8462 Datasheet
289Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 20A, 5.8m廓
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685_08 Datasheet
432Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -32A, 35m廓
FDD4243 FAIRCHILD-FDD4243_10 Datasheet
431Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
FDS4141 FAIRCHILD-FDS4141 Datasheet
217Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 13.0m廓
FDS4141_F085 FAIRCHILD-FDS4141_F085 Datasheet
257Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 19.0m廓
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com