Zakładka z wyszukiwarką danych komponentów |
|
AD9000SD Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD9000SD Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 8 page AD9000 –8– REV. A AD9000/PCB EVALUATION AND TEST BOARD Evaluating and testing the AD9000 is greatly simplified with the AD9000/PCB evaluation board. The printed circuit board contains all of the driver and buffering circuits needed to test and evaluate the AD9000. The board outputs include both a high quality reconstructed representation of the input waveform, and a dc error waveform output that can be used to determine device linearities. Inputs to the AD9000/PCB evaluation board include the analog signal to be digitized, as well as an optional ENCODE input for high stability measurements. All components, except the AD9000, are soldered onto the 8.5" × 6.3" board. The AD9000 is sock- eted to facilitate moderate volume testing. The evaluation board is offered with either a commercial temperature range AD9000, or an extended temperature range device installed. The respective ordering numbers are AD9000JD/PCB and AD9000SD/PCB. Figure 7. PCB Block Diagram OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 16-Pin Ceramic 28-Pin LCC |
Podobny numer części - AD9000SD |
|
Podobny opis - AD9000SD |