Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP27AJ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części OP27AJ
Szczegółowy opis  Low-Noise, Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP27AJ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button OP27AJ Datasheet HTML 5Page - Analog Devices OP27AJ Datasheet HTML 6Page - Analog Devices OP27AJ Datasheet HTML 7Page - Analog Devices OP27AJ Datasheet HTML 8Page - Analog Devices OP27AJ Datasheet HTML 9Page - Analog Devices OP27AJ Datasheet HTML 10Page - Analog Devices OP27AJ Datasheet HTML 11Page - Analog Devices OP27AJ Datasheet HTML 12Page - Analog Devices OP27AJ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
–9–
OP27
TEMPERATURE – C
60
–75
40
20
0
–20
–40
–60
–50 –25
0
25
50
75 100 125 150 175
50
10
–30
–70
30
–10
–50
TRIMMING WITH
10k
POT DOES
NOT CHANGE
TCVOS
OP27C
OP27A
OP27A
OP27A
OP27C
TPC 10. Offset Voltage Drift of
Five Representative Units vs.
Temperature
TIME – Sec
30
–20
5
0
020
40
60
80
100
25
20
15
10
TA =
25 C
TA = 70 C
DEVICE IMMERSED
IN 70 C OIL BATH
VS = 15V
THERMAL
SHOCK
RESPONSE
BAND
TPC 13. Offset Voltage Change Due
to Thermal Shock
FREQUENCY – Hz
130
1
110
90
70
50
30
10
–10
10
100
1k
10k 100k
1M 10M 100M
TPC 16. Open-Loop Gain vs.
Frequency
TIME – Months
6
0
2
–2
–6
4
0
–2
–6
1
234
5
6
7
4
0
–4
6
2
–4
TPC 11. Long-Term Offset Voltage
Drift of Six Representative Units
TEMPERATURE – C
–50
40
20
0
–25
0
25
50
75
100 125 150
50
30
10
VS = 15V
OP27A
OP27C
TPC 14. Input Bias Current vs.
Temperature
TEMPERATURE – C
–50
60
2
–25
0
25
50
75
100
125
4
VS =
15V
SLEW
50
70
3
10
9
8
7
6
GBW
–75
M
TPC 17. Slew Rate, Gain-Bandwidth
Product, Phase Margin vs.
Temperature
TIME AFTER POWER ON – Min
10
1
01
4
23
5
TA = 25 C
VS = 15V
5
OP27 C/G
OP27 F
OP27 A/E
TPC 12. Warm-Up Offset Voltage
Drift
TEMPERATURE – C
–75
50
0
–50
–25
0
25
50
75
100
125
VS = 15V
40
30
20
10
OP27A
OP27C
TPC 15. Input Offset Current vs.
Temperature
FREQUENCY – Hz
25
1M
10M
100M
20
15
10
5
0
–5
–10
80
100
120
140
160
180
200
220
TA = 25 C
VS = 15V
GAIN
PHASE
MARGIN
= 70
TPC 18. Gain, Phase Shift vs.
Frequency


Podobny numer części - OP27AJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
OP27AJ MAXIM-OP27AJ Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27AJ-883C AD-OP27AJ-883C Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27AJ/883C AD-OP27AJ/883C Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
List of Unclassifed Man...
OP27AJ/QMLR ETC2-OP27AJ/QMLR Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
OP27AJ883C AD-OP27AJ883C Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

Podobny opis - OP27AJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com