Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9040A Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9040A
Szczegółowy opis  10-Bit 40 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9040A Arkusz danych(HTML) 5 Page - Analog Devices

  AD9040A Datasheet HTML 1Page - Analog Devices AD9040A Datasheet HTML 2Page - Analog Devices AD9040A Datasheet HTML 3Page - Analog Devices AD9040A Datasheet HTML 4Page - Analog Devices AD9040A Datasheet HTML 5Page - Analog Devices AD9040A Datasheet HTML 6Page - Analog Devices AD9040A Datasheet HTML 7Page - Analog Devices AD9040A Datasheet HTML 8Page - Analog Devices AD9040A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD9040A
REV. B
–5–
DEFINITIONS OF SPECIFICATIONS
Analog Bandwidth
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by FFT analysis) is
reduced by 3 dB.
Aperture Delay
The delay between the rising edge of the ENCODE command
and the instant at which the analog input is sampled.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Differential Gain
The percentage of amplitude change of a small high frequency
sine wave (3.58 MHz) superimposed on a low frequency signal
(15.734 kHz).
Differential Nonlinearity
The deviation of any code from an ideal 1 LSB step.
Differential Phase
The phase change of a small high frequency sine wave (3.58 MHz)
superimposed on a low frequency signal (15.734 kHz).
Harmonic Distortion
The rms value of the fundamental divided by the rms value of
the harmonic.
Integral Nonlinearity
The deviation of the transfer function from a reference line
measured in fractions of 1 LSB using a “best straight line” de-
termined by a least square curve fit.
Minimum Conversion Rate
The encode rate at which the SNR of the lowest analog signal
frequency tested drops by no more than 3 dB below the guaran-
teed limit.
Maximum Conversion Rate
The encode rate at which parametric testing is performed.
Output Propagation Delay
The delay between the 50% point of the falling edge of the
ENCODE command and the 1 V/4 V points of output data.
Overvoltage Recovery Time
The amount of time required for the converter to recover to
10-bit accuracy after an analog input signal 150% of full scale is
reduced to the full-scale range of the converter.
Power Supply Rejection Ratio (PSRR)
The ratio of a change in input offset voltage to a change in
power supply voltage.
Signal-to-Noise Ratio (SNR)
The ratio of the rms signal amplitude to the rms value of
“noise,” which is defined as the sum of all other spectral com-
ponents, including harmonics but excluding dc, with an analog
input signal 1 dB below full scale.
Signal-to-Noise Ratio (Without Harmonics)
The ratio of the rms signal amplitude to the rms value of
“noise,” which is defined as the sum of all other spectral com-
ponents, excluding the first eight harmonics and dc, with an
analog input signal 1 dB below full scale.
Transient Response
The time required for the converter to achieve 10-bit accuracy
when a step function is applied to the analog input.
Two-Tone Intermodulation Distortion (IMD) Rejection
The ratio of the power of either of two input signals to the
power of the strongest third-order IMD signal.
VCC
VSS
AIN
2k
1k
1mA
1mA
1k
ANALOG INPUT
VCC
VREF
GND
6.8k
RL
2.5k
VSS
BPREF
REFERENCE CIRCUIT
VCC
VOUT
RL
GND
BANDGAP OUTPUT
VCC
GND
D0-9
CMOS OUTPUT
1k
1k
Figure 2. Equivalent Circuits


Podobny numer części - AD9040A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
   10-Bit 40 MSPS A/D Converter
REV. D
More results

Podobny opis - AD9040A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
   10-Bit 40 MSPS A/D Converter
REV. D
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
   10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
   10-bit, 40 MSPS 160mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com