Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9040A Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9040A
Szczegółowy opis  10-Bit 40 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9040A Arkusz danych(HTML) 4 Page - Analog Devices

  AD9040A Datasheet HTML 1Page - Analog Devices AD9040A Datasheet HTML 2Page - Analog Devices AD9040A Datasheet HTML 3Page - Analog Devices AD9040A Datasheet HTML 4Page - Analog Devices AD9040A Datasheet HTML 5Page - Analog Devices AD9040A Datasheet HTML 6Page - Analog Devices AD9040A Datasheet HTML 7Page - Analog Devices AD9040A Datasheet HTML 8Page - Analog Devices AD9040A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9040A
REV. B
–4–
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1, 12, 21
–VS
5 V Power Supply
2, 4, 11, 14, 22
GND
Ground
3, 10
+VS
Analog +5 V Power Supply
5VOUT
Internal Bandgap Voltage
Reference (Nominally +2.5 V)
6VREF
Noninverting Input to Reference
Amplifier. Voltage reference for
ADC is connected here.
7BPREF
External Connection for (0.1
µF)
Reference Bypass Capacitor
8
NC
No Connection Internally
9
ENCODE Encode Clock Input to ADC.
Internal T/H placed in hold mode
(ADC is encoding) on rising edge.
13
AIN
Noninverting Input to T/H
Amplifier
15
OR
Out-of-Range Condition Output.
Active high when analog input
exceeds input range of ADC by
1 LSB (<FS –1 LSB or >+FS
+ 1 LSB).
16
D9 (MSB) Most Significant Bit of ADC
Output; TTL/CMOS Compatible
17–20
D8–D5
Digital Output Bits of ADC; TTL/
CMOS Compatible
23
VD
Digital +5 V Power Supply
24–27
D4–D1
Digital Output Bits of ADC;
TTL/CMOSL Compatible
28
D0 (LSB)
Least Significant Bit of ADC
Output; TTL/CMOS Compatible
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9040A
NC = NO CONNECT
GND
AIN
–VS
GND
+VS
ENCODE
NC
–VS
GND
+VS
GND
BPREF
VREF
VOUT
OR
D9 (MSB)
D8
D7
D6
D5
–VS
D0 (LSB)
D1
D2
D3
GND
VD
D4
PDIP and SOIC Pinouts
ENCODE
GND
+VS
VREF
VOUT
NC
BPREF
D7
D6
D5
D4
D3
D2
DGND
–VS
VD
DIE LAYOUT AND MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . . . 204
× 185 × 21 (±1) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–VS
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5,070
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Oxynitride
Die Attach (JN/JR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . Epoxy
Bond Wire (JN/JR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold
N
N + 1
#2
#3
ENCODE
N – 3
N – 2
N – 1
tA
tEH tEL
tPD
AIN
DIGITAL
OUTPUTS
APERTURE DELAY
PULSEWIDTH HIGH
PULSEWIDTH LOW
OUTPUT PROP DELAY
tA
tEH
tEL
tPD
1.9
10ns
10
7.5
100
12
MIN
TYP
MAX
10
100
Figure 1. Timing Diagram


Podobny numer części - AD9040A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
   10-Bit 40 MSPS A/D Converter
REV. D
More results

Podobny opis - AD9040A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
   10-Bit 40 MSPS A/D Converter
REV. D
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
   10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
   10-bit, 40 MSPS 160mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com